Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-2150G-RCE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-2150G-RCE
Description  15 XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-2150G-RCE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-2150G-RCE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-2150G-RCE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Industrial Monitors
FPM-2150G
15" XGA TFT LCD with resolution up to 1024 x 768
Robust design with aluminum front panel
Anti-reflective screen with tempered glass
Supports stainless steel front panel (customization)
OSD control pad on front panel
Supports industrial 24-48 VDC power input (optional)
Supports tranflective LCD technology (customization)
Supports Panel, Wall, Desktop, Rack or VESA arm mounting
Front Panel NEMA4/IP65 Compliant
Specifications
General
Button Controls
OSD (Onscreen Display) control pad on front panel
Certification
BSMI, CCC, CE, FCC, UL
Dimension (W x H x D) 383 x 307 x 48 mm (15" x 12" x 1.9")
Enclosure
Front panel: Aluminum with coating,
Rear cover: SECC coating chassis
Mounting
Panel, wall, desktop, VESA arm, or 19" rackmount with
optional mounting kit
Power Input
External 50 W power adapter, with AC 100 V ~ 240 V
input and DC +12 V @ 4.16 A output
Video Port
VGA
Weight (Net)
5.60 kg (12.34 lbs)
LCD Display
Display Type
XGA TFT LCD
Display Size
15"
Max. Resolution
1024 x 768
Max. Color
16.2M
Viewing Angle (H/V)°
140, 125
Luminance (cd/m2)
250
Backlight Life (hrs)
50,000
Contrast Ratio
500 : 1
Touchscreen (Optional)
Sensor
AMT
Type
8-wire Resistive
Interface
RS-232 or USB
Lifespan
10 million with a silicone rubber of R8 finger, writing
rate is by 250g at 2 times/s
Light Transmission
> 80%
OS Support
Windows® 95/98/ME/2000/XP/CE/NT/Vista, Linux
Power Consumption
+5 V @ 100 mA
Touch Resolution
Linearity
Environment
Operation Temperature 0 ~ 50° C (32 ~ 122° F)
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F)
Humidity (Storage)
10 ~ 95% non-condensing
Waterproof
Front Panel NEMA4/IP65 Compliant
Vibration
5 ~ 500 Hz, 1 Grms (Operating, Random)
Ordering Information
FPM-2150G-XCE
15" Industrial Monitor with Direct-VGA port
FPM-2150G-RCE
FPM-2150G-XCE with Resistive Touchscreen
(RS-232 interface)
FPM-2150G-UCE
FPM-2150G-XCE with Resistive Touchscreen
(USB interface)
PWR-246E
Ind. DC to DC Converter w/24-48 VDC Power Input
15" XGA Industrial Monitor with Resistive
Touchscreen and Direct-VGA Port
Introduction
FPM-2150G is an industrial-grade 15" TFT LCD flat panel monitor with an Al-Mg front panel, a modern appearance, and one of the most competitive prices for 15" LCD monitors on
the market. The FPM-2150G is also extremely light and thin, and provides many industrial-grade features such as a NEMA4/IP65 certified front panel, stainless steel chassis, VESA
mounting flexibility, and more. The FPM-2150G is especially suitable for industrial PCs such as IPC-610 or IPC-6806. This combination leads to an extremely reliable and tough
system, ready to operate in a wide variety of industrial applications.


Similar Part No. - FPM-2150G-RCE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-2150G-R3AE ADVANTECH-FPM-2150G-R3AE Datasheet
335Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
More results

Similar Description - FPM-2150G-RCE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-3060G ADVANTECH-FPM-3060G Datasheet
610Kb / 2P
6.5 VGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3120G ADVANTECH-FPM-3120G Datasheet
669Kb / 2P
12.1 SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3150G ADVANTECH-FPM-3150G Datasheet
651Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-5151G ADVANTECH-FPM-5151G Datasheet
505Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
FPM-2120G ADVANTECH-FPM-2120G Datasheet
275Kb / 2P
12'SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2120G ADVANTECH-FPM-2120G_15 Datasheet
356Kb / 2P
12" SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2150G ADVANTECH-FPM-2150G_15 Datasheet
335Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3151G ADVANTECH-FPM-3151G_15 Datasheet
368Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI Ports, and Wide Operating Temperature
FPM-1150G ADVANTECH-FPM-1150G Datasheet
358Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen and VGA / HDMI Port
22-Oct-2018
ITM-915G-RVAE-C ADVANTECH-ITM-915G-RVAE-C Datasheet
359Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen and VGA Port
22-Oct-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com