Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-3171G-RCE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-3171G-RCE
Description  17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-3171G-RCE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-3171G-RCE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-3171G-RCE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Monitors
Features
FPM-3171G 17"SXGAIndustrialMonitorwithResistive
Touchscreen, Direct-VGA and DVI Ports
Specifications
General
Button Controls
OSD (Onscreen Display) control pad on front panel
Certification
BSMI, CCC, CE, FCC
Dimension (W x H x D) 482 x 354 x 68 mm (18.9" x 13.9" x 2.7")
Enclosure
Front panel: Aluminum with coating
Rear cover: Stainless steel chassis
Mounting
Panel, wall, desktop, VESA arm & 19" rackmount
Power Input
External 50 W power adapter, with AC 100 V ~ 240 V
input and DC +12 V @ 4.16 A output
Video Port
VGA & DVI-D port
Weight (Net)
9.25 kg (20.39 lbs)
LCD Display
Display Type
SXGA TFT LCD
Display Size
17"
Max. Resolution
1280 x 1024
Max. Color
16.2 M
Viewing Angle (H/V°)
140/130
Luminance (cd/m2)
300
Backlight Life (hrs)
40,000
Contrast Ratio
700 : 1
17" SXGA TFT LCD with resolution up to 1280 x 1024
Robust design with stainless steel chassis and aluminum front panel
Anti-reflective screen with tempered glass
Supports stainless steel front panel (optional)
OSD control pad on front panel
Supports industrial 24-48 VDC power input (optional)
Supports tranflective LCD technology (optional)
Supports panel, wall, desktop, rack or VESA arm mounting
Front panel is NEMA4/IP65 compliant
Touchscreen (Optional)
Sensor
ELO
Driver
ELOTOUCH
Type
5-wire Resistive
Interface
RS-232 or USB
Lifespan
35 million touches at a single point
Light Transmission
80% ±5
OS Support
DOS, Windows® 2000/XP/CE/Vista, Linux
Power Consumption
+5 V @ 100 mA
Touch Resolution
Linearity
Environment
Operation Temperature 0 ~ 50° C (32 ~ 122° F)
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F)
Humidity (Storage)
10 ~ 90% non-condensing
Waterproof
Front panel is NEMA4/IP65 compliant
Vibration
5 ~ 500 Hz, 1 Grms (Operating, Random)
Ordering Information
FPM-3171G-XCE
17" SXGA Ind. Monitor
FPM-3171G-RCE
17" SXGA Ind Monitor w/Resistive TS (RS-232 & USB)
PWR-246E
DC to DC Converter w/24-48 VDC Power Input
Introduction
FPM-3171G is a 17" color TFT LCD flat panel monitor specifically designed for industrial applications. With a viewing size as large as 17", it presents an ample display area as well
as vivid and sharp images for your HMI. It features direct VGA signal transmission. You can thus upgrade the displays without making changes to the existing system. The onscreen
display function also makes it easy to adjust the images on the screen. The whole chassis is designed in stainless steel and the front panel is made of aluminum with front panel
NEMA4/IP65 compliance.


Similar Part No. - FPM-3171G-RCE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-3171G-R3AE ADVANTECH-FPM-3171G-R3AE Datasheet
286Kb / 2P
8U Rackmount 17" SXGA Industrial Monitor with Resistive Touchscreen,Direct-VGA and DVI Ports, and Wide Operating Temperature Range
FPM-3171G-R3BE ADVANTECH-FPM-3171G-R3BE Datasheet
352Kb / 2P
8U Rackmount, 17 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and a Wide Operating Temperature Range
27-Jun-2018
More results

Similar Description - FPM-3171G-RCE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-3150G ADVANTECH-FPM-3150G Datasheet
651Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191G ADVANTECH-FPM-3191G Datasheet
730Kb / 2P
19 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-5151G ADVANTECH-FPM-5151G Datasheet
505Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
FPM-5171G ADVANTECH-FPM-5171G Datasheet
512Kb / 2P
17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
FPM-2170G ADVANTECH-FPM-2170G Datasheet
271Kb / 2P
17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2170G ADVANTECH-FPM-2170G_15 Datasheet
356Kb / 2P
17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3171G ADVANTECH-FPM-3171G_15 Datasheet
286Kb / 2P
8U Rackmount 17" SXGA Industrial Monitor with Resistive Touchscreen,Direct-VGA and DVI Ports, and Wide Operating Temperature Range
FPM-3171S ADVANTECH-FPM-3171S_15 Datasheet
331Kb / 2P
17"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191G ADVANTECH-FPM-3191G_15 Datasheet
326Kb / 2P
9U Rackmount 19" SXGA Industrial Monitor with Resistive Touchscreen,Direct-VGA and DVI Ports
FPM-3191S ADVANTECH-FPM-3191S_15 Datasheet
327Kb / 2P
19"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com