Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-3191G-RCE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-3191G-RCE
Description  19 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-3191G-RCE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-3191G-RCE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-3191G-RCE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Monitors
Features
FPM-3191G 19"SXGAIndustrialMonitorwithResistive
Touchscreen, Direct-VGA and DVI Ports
Specifications
General
Button Controls
OSD (Onscreen Display) control pad on front panel
Certification
BSMI, CCC, CE, FCC
Dimension (W x H x D) 482 x 399 x 66 mm (18.9" x 15.7" x 2.6")
Enclosure
Front panel: Aluminum with coating
Rear cover: Stainless steel chassis
Mounting
Panel, wall, desktop, VESA arm & 19" rackmount
Power Input
External 60 W power adapter, with AC 100 V ~ 240 V
input and DC +12 V @ 5 A output
Video Port
VGA & DVI-D Port
Weight (Net)
10.65 kg (23.46 lbs)
LCD Display
Display Type
SXGA TFT LCD (AUO)
Display Size
19"
Max. Resolution
1280 x 1024
Max. Color
16.2 M
Viewing Angle (H/V°)
178/178
Luminance (cd/m2)
300
Backlight Life (hrs)
50,000
Contrast Ratio
1000 : 1
19" SXGA TFT LCD with resolution up to 1280 x 1024
Robust design with stainless steel chassis and aluminum front panel
Anti-reflective screen with tempered glass
Supports stainless steel front panel (customization)
OSD control pad on front panel
Supports industrial 24-48 VDC power input (optional)
Supports tranflective LCD technology (customization)
Supports panel, wall, desktop, rack or VESA arm mounting
Front panel is NEMA4/IP65 compliant
Touchscreen (Optional)
Sensor
ELO
Driver
ELOTOUCH
Type
5-wire Resistive
Interface
RS-232 and USB
Lifespan
35 million touches at a single point
Light Transmission
80% ±5
OS Support
DOS, Windows® 2000/XP/CE/Vista, Linux
Power Consumption
+5 V @ 100 mA
Touch Resolution
Linearity
Environment
Operation Temperature 0 ~ 50° C (32 ~ 122° F)
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F)
Humidity (Storage)
10 ~ 90% non-condensing
Waterproof
Front panel is NEMA4/IP65 compliant
Vibration
5 ~ 500 Hz, 1 Grms (Operating, Random)
Ordering Information
FPM-3191G-XCE
19" SXGA Ind. Monitor
FPM-3191G-RCE
19" SXGA Ind Monitor w/Resistive TS (RS-232 & USB)
PWR-246E
DC to DC Converter w/24-48VDC Power Input
Introduction
FPM-3191G is a 19" color TFT LCD flat panel monitor specifically designed for industrial applications. With a viewing size as large as 19", it presents an ample display area as well as
vivid and sharp images for your HMI. It features Direct-VGA signal transmission and the onscreen display function makes it easy to adjust the images on the screen. The stainless steel
chassis and the NEMA4/IP65 compliant aluminum front panel enable installation in applications with water and dust. An optional stainless steel front panel is available by request.


Similar Part No. - FPM-3191G-RCE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-3191G-R3AE ADVANTECH-FPM-3191G-R3AE Datasheet
326Kb / 2P
9U Rackmount 19" SXGA Industrial Monitor with Resistive Touchscreen,Direct-VGA and DVI Ports
FPM-3191G-R3BE ADVANTECH-FPM-3191G-R3BE Datasheet
342Kb / 2P
9U Rackmount, 19 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, and DVI Ports
8-Sep-2020
More results

Similar Description - FPM-3191G-RCE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-3150G ADVANTECH-FPM-3150G Datasheet
651Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3171G ADVANTECH-FPM-3171G Datasheet
666Kb / 2P
17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-5151G ADVANTECH-FPM-5151G Datasheet
505Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
FPM-5171G ADVANTECH-FPM-5171G Datasheet
512Kb / 2P
17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
FPM-2170G ADVANTECH-FPM-2170G Datasheet
271Kb / 2P
17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2170G ADVANTECH-FPM-2170G_15 Datasheet
356Kb / 2P
17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3171S ADVANTECH-FPM-3171S_15 Datasheet
331Kb / 2P
17"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191G ADVANTECH-FPM-3191G_15 Datasheet
326Kb / 2P
9U Rackmount 19" SXGA Industrial Monitor with Resistive Touchscreen,Direct-VGA and DVI Ports
FPM-3191S ADVANTECH-FPM-3191S_15 Datasheet
327Kb / 2P
19"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191G ADVANTECH-FPM-3191G_V01 Datasheet
342Kb / 2P
9U Rackmount, 19 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, and DVI Ports
8-Sep-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com