Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-5151G-R3AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-5151G-R3AE
Description  15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-5151G-R3AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-5151G-R3AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-5151G-R3AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Monitors
Features
FPM-5151G
15" XGA Industrial Monitor with
Resistive Touchscreen, Direct-VGA,
and DVI Ports
ƒ 15" XGA TFT LCD with resolution up to 1024 x 768
ƒ Direct VGA & DVI-D video input interface
ƒ Lockable OSD keys with 2 user-defined contrast/brightness settings
ƒ Flat-sealed front panel
ƒ Robust design with anti-rust chassis and aluminum die-cast front panel
ƒ Front accessible USB connector
ƒ Combo RS-232 & USB interface for touchscreen (optional)
ƒ Supports industrial 10-30 VDC power input
ƒ Supports panel, wall, desktop, rack or VESA arm mounting
ƒ Front panel is NEMA4/IP65 compliant
Introduction
FPM-5151G is a 15" color TFT LCD flat panel monitor specifically designed for industrial applications. With a viewing size as large as 15", it presents an ample display area as well as
vivid and sharp images for an HMI. It features Direct-VGA & DVI-D signal transmissions, which allows any VGA control card to be used in your system. The onscreen display allows
users to adjust the images on the screen with two user-defined settings. The front access USB connector provides easy access the controller, and the industrial 10-30Vdc wide range
power support makes this product an excellent option for Factory and Machine Automation display solutions.
Specifications
General
ƒ
Button Controls
OSD control pad on rear side with lockable function
ƒ
Certification
BSMI, CCC, CE, FCC, UL
ƒ
Dimension (W x H x D) 449.92 x 315.63 x 52.5 mm (17.7" x 12.4" x 2")
ƒ
Enclosure
Front panel: Aluminum and flat-sealed
Rear cover: Anti-rust coating
ƒ
Mounting
Panel, wall, VESA arm, or 19" stand, rackmount with
optional mounting kit
ƒ
Power Input
Phoenix Jack - 10 ~ 30 VDC input
Optional
- External 57 W power adapter, with AC
100 V ~ 240 V input and DC +12 V @
4.7A output
ƒ
USB
Front USB access for extension
ƒ
Video
VGA & DVI-D port
ƒ
Weight (Net)
6 kg (13.22 lbs)
LCD Display
ƒ
Display Type
XGA TFT LCD
ƒ
Display Size
15"
ƒ
Max. Resolution
1024 x 768
ƒ
Max. Color
16.2 M
ƒ
Viewing Angle (H/V°)
140/120
ƒ
Luminance (cd/m2)
250
ƒ
Backlight Life (hrs)
50,000
ƒ
Contrast Ratio
500 : 1
Touchscreen (Optional)
ƒ
Sensor
AMT
ƒ
Driver
Penmount 6000
ƒ
Type
8-wire Resistive
ƒ
Interface
RS-232 & USB
ƒ
Lifespan
10 million with a silicone rubber of R8 finger, writing
rate is by 250g at 2 times/s
ƒ
Light Transmission
> 80%
ƒ
OS Support
Windows® 2000/XP/CE/Vista, Linux
ƒ
Power Consumption
+5 V @ 100 mA
ƒ
Touch Resolution
Linearity
Environment
ƒ
Operation Temperature 0 ~ 50° C (32 ~ 122° F)
ƒ
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F)
ƒ
Humidity (Storage)
10 ~ 95% non-condensing
ƒ
Waterproof
Front panel NEMA4/IP65 compliant
ƒ
Vibration
5 ~ 500 Hz, 1 Grms (Operating, Random)
Ordering Information
ƒ
FPM-5151G-X0AE
15" XGA Ind. Monitor
ƒ
FPM-5151G-R3AE
15" XGA Ind Monitor w/Resistive TS (RS-232 & USB)
NEW


Similar Part No. - FPM-5151G-R3AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-5151G-R3BE ADVANTECH-FPM-5151G-R3BE Datasheet
404Kb / 2P
15 XGA/17 SXGA/19 SXGA Industrial Monitors with Resistive Touch Control, Direct VGA, and DVI Ports
27-Jun-2018
More results

Similar Description - FPM-5151G-R3AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-2150G ADVANTECH-FPM-2150G Datasheet
231Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3150G ADVANTECH-FPM-3150G Datasheet
651Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3171G ADVANTECH-FPM-3171G Datasheet
666Kb / 2P
17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191G ADVANTECH-FPM-3191G Datasheet
730Kb / 2P
19 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-5171G ADVANTECH-FPM-5171G Datasheet
512Kb / 2P
17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
FPM-2150G ADVANTECH-FPM-2150G_15 Datasheet
335Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3151G ADVANTECH-FPM-3151G_15 Datasheet
368Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI Ports, and Wide Operating Temperature
FPM-3171S ADVANTECH-FPM-3171S_15 Datasheet
331Kb / 2P
17"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191S ADVANTECH-FPM-3191S_15 Datasheet
327Kb / 2P
19"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
ITM-915G-RVAE-C ADVANTECH-ITM-915G-RVAE-C Datasheet
359Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen and VGA Port
22-Oct-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com