Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-5171G-R3AE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FPM-5171G-R3AE
Description  17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-5171G-R3AE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FPM-5171G-R3AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-5171G-R3AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
FPM-5171G
Accessories
ƒ
FPM-5151G-SMKE
FPM-5151G/5171G Stand Kit
ƒ
IPPC-6172A-RMKE
IPPC-6172A/FPM-5171G Rack Mount Kit
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1702031836
Power Cable China/Australia Plug 1.8 M
ƒ
1757002742
Adapter AC 90-264V 57W SPU63-105
Back View
I/O View
Front Accessible USB Port
LCD OSD Control Keys
Wallmount
TS Interface -
RS-232 Port
TS Interface - USB Port
10-30 VDC Power Input
with Phoenix Jack
12V Power Input
with DIN-rail
DVI-D port
VGA Port
T/S Interface Switch
Panel Mount
VESA Mount
Panel Cut-out Dimensions: 454 x 338 mm
481.9 (18.97”)
58.5 (2.30”)
451 (17.76”)
257.4 (10.12”)
3 (0.12”)
6 (0.24”)
32 (1.26”)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com