Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB495D Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # RB495D
Description  40V, 350mA, SMD Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RB495D Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  RB495D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RB495D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RB495D
40V,350mA,SMD Schottky Diode
Small Signal Diode
Rating and Sharacteristic Curves
FIG 1 Typical Forward Characteristics
0.01
0.1
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
FIG 3 Admissible Power Dissipation Curve
0
50
100
150
200
250
0
25
50
75
100
125
150
FIG 4 Typical Junction Capacitance
0
20
40
60
80
100
0
5
10
15
20
25
30
Ambient Temperature (°C)
Reverse Voltage (V)
Ta=25°C
FIG 2 Reverse Current vs Reverse Voltage
1
10
100
1000
10000
0
10
203040
5060
Ta=25°C
Instantaneous Forward Volatge (V)
Reverse Volatge (V)
Version : A09



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com