Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPPC-6172A-R0AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IPPC-6172A-R0AE
Description  17 SXGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPPC-6172A-R0AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IPPC-6172A-R0AE Datasheet HTML 1Page - Advantech Co., Ltd. IPPC-6172A-R0AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Panel PCs
Features
17" SXGA TFT LCD with touchscreen
Intel® Pentium® M processor up to 2.0 GHz/Celeron® M 1.5 GHz
System memory supports dual channel DDR2 SDRAM up to 2 GB
Offers two expansion slots for PCI add-on cards
Dual Lan, supports one Gigabit Lan
Front USB access and system reset function
Flat-sealed front panel
Control box with gull-wing design for easy installation and maintenance
Front panel is NEMA4/IP65 compliant
Specifications
General
BIOS
Award® 512KB Flash BIOS
Certifications
UL, CE, FCC, CCC, BSMI
Enclosure
Die-cast flat-sealed front with SGCC Housing
Dimension (W x H x D) 481.92 x 355.87 x 146 mm (18.97" x 14.01" x 5.75")
Mounting
Panel, Rack (option)
OS Support
Windows 2000, XP Professional
Power Input
100 - 240 VAC @ 50 ~ 60 Hz, 4 - 2 A
Power Output
+3.3 V @ 16.8 A, +5 V @ 12 A, +12 V @ 10 A,
+5 Vsb @ 2 A, -12 V @ 0.8 A
Power Supply
180 W, MTBF: 100,000 hrs
Weight (Gross)
12 Kg (26.45 lbs)
System Hardware
CPU
Support Socket 478 based Intel Pentium M up to 2.0
GHz/Celeron M 1. 5GHz
Chipset
Intel 915GME
Memory
Up to 2 GB DDR2 240pin SDARM 400/533 MHz
LAN
10/100Base-T Ethernet x 1, 10/100/1000Base-T
Ethernet x 1
Expansion
2 x half-length PCI Slots
Storage
1 x SATA HDD interface (2.5" HDD bay)
Optical Driver
1 x Slim Type DVD/CDRW
I/Os
1 x RS-232
5 x USB 2.0 (one at front)
2 x PS2 (Keyboard, Mouse)
1 x VGA Port
1 x Parallel Port
Mic-in, Line-in, Line-out
LCD Display
Backlight Life
50,000 hrs
Contrast Ratio
800 : 1
Display Size
17"
Display Type
SXGA TFT LCD
Luminance
300 cd/m2
Max. Colors
16.7M (RGB 6-bit + FRC data)
Max. Resolution
1280 x 1024
Viewing Angle (H/V°)
160/160
Touchscreen (Optional)
Lifespan
10 millions times touch at single point
Light Transmission
> 80%
Type
Analog resistive 8-wire
Environment
Humidity
5 ~ 85% @ 40 °C (non-condensing)
Ingress Protection
Front panel: NEMA4/IP65
Operating Temperature 0 ~ 50° C (32 ~ 122° F)
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F)
Vibration Protection
5 ~ 500 Hz, 1 Grms random vibration
Ordering Information
IPPC-6172A-X0AE
17" Ind. Panel PC, Pentium M/Celeron M, 2 x PCI
IPPC-6172A-R0AE
17" Ind Panel PC, Pentium M/Celeron M, 2 x PCI, TS
Introduction
The IPPC-6172A is an Industrial Panel PC with front USB access, supports Pentium M/Celeron M processor up to 2 GHz, DDR2 memory bus support up to 2 GB, slim CD-ROM,
and two expansion PCI slots. The flat-sealed front panel design also allows easier cleaning and liquid run off. Also the control box has a gull-wing design for easy components
installation and maintenance.
IPPC-6172A 17"SXGATFTLCDPentium®M/Celeron®M
Industrial Panel PC with 2 x PCI Slots


Similar Part No. - IPPC-6172A-R0AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPPC-6172A-RMKE ADVANTECH-IPPC-6172A-RMKE Datasheet
182Kb / 1P
IPPC Accessories
More results

Similar Description - IPPC-6172A-R0AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPPC-6152A ADVANTECH-IPPC-6152A Datasheet
697Kb / 2P
15 XGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
IPPC-6152A ADVANTECH-IPPC-6152A Datasheet
697Kb / 2P
15" XGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
IPPC-6152F ADVANTECH-IPPC-6152F Datasheet
700Kb / 2P
15 XGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with 2 x PCI Slots
IPPC-6172F ADVANTECH-IPPC-6172F Datasheet
497Kb / 2P
17 SXGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with 2 x PCI Slots
IPPC-9151F ADVANTECH-IPPC-9151F Datasheet
314Kb / 2P
15 XGA TFT LCD Pentium짰 4 Industrial Panel PC with 2 x PCI Slots
IPPC-9171G ADVANTECH-IPPC-9171G Datasheet
489Kb / 2P
17 SXGA TFT LCD Pentium 4 Industrial Panel PC with 2 x PCI Slots
PPC-175T ADVANTECH-PPC-175T Datasheet
356Kb / 2P
17 Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
TPC-1270H ADVANTECH-TPC-1270H Datasheet
764Kb / 2P
12.1 SVGA TFT LCD Pentium짰 M/ Celeron짰 M Touch Panel Computer
TPC-1570H ADVANTECH-TPC-1570H Datasheet
816Kb / 2P
15 XGA TFT LCD Pentium짰 M/ Celeron짰 M Touch Panel Computer
UNO-3072L ADVANTECH-UNO-3072L Datasheet
583Kb / 1P
Intel짰 Celeron짰 M Fanless Box PC with 2 x PCI Slots
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com