Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPPC-6172F-R0AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IPPC-6172F-R0AE
Description  17 SXGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with 2 x PCI Slots
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPPC-6172F-R0AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IPPC-6172F-R0AE Datasheet HTML 1Page - Advantech Co., Ltd. IPPC-6172F-R0AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Panel PCs
Features
IPPC-6172F
17" SXGA TFT LCD Celeron® M Fanless
Industrial Panel PC with 2 x PCI Slots
ƒ
ƒ Fanlessƒcoolingƒsystem
ƒ
ƒ 17"ƒSXGAƒTFTƒLCDƒwithƒtouchscreen
ƒ
ƒ Intel®ƒCeleron®ƒMƒProcessorƒULVƒ1ƒGHz/512ƒKBƒL2ƒonƒboard
ƒ
ƒ 1ƒGBƒDDR2ƒSDRAMƒsystemƒmemory
ƒ
ƒ 24ƒVDCƒpowerƒsupply
ƒ
ƒ OffersƒtwoƒexpansionƒslotsƒforƒPCIƒadd-onƒcard
ƒ
ƒ DualƒLan,ƒsupportsƒoneƒGigabitƒLan
ƒ
ƒ FrontƒUSBƒaccessƒandƒsystemƒresetƒfunction
ƒ
ƒ Flat-sealedƒfrontƒpanel
ƒ
ƒ Controlƒboxƒwithƒgull-wingƒdesignƒforƒeasyƒinstallationƒandƒmaintenance
ƒ
ƒ FrontƒpanelƒNEMA4/IP65ƒcompliant
ƒ
ƒ Heavy-dutyƒaluminumƒfrontƒpanel
Specifications
General
ƒ
ƒ
BIOSƒ
Award®ƒ512ƒKBƒFlashƒBIOS
ƒ
ƒ
Certificationsƒ
UL,ƒCE,ƒFCC,ƒCCC,ƒBSMI
ƒ
ƒ
Enclosure
Die-castƒflat-sealedƒfrontƒwithƒSGCCƒHousing
ƒ
ƒ
Dimension (W x H x D) 481.92ƒxƒ355.87ƒxƒ146ƒmmƒ(18.97"ƒxƒ14.01"ƒxƒ5.75")
ƒ
ƒ
Mountingƒ
Panel,ƒRackƒ(option)
ƒ
ƒ
OS Supportƒ
Windowsƒ2000,ƒXPƒProfessionalƒandƒWinXPe
ƒ
ƒ
Power Inputƒ
10ƒ~ƒ30ƒVDC
ƒ
ƒ
Power Outputƒ
+3.3ƒVƒ@ƒ8ƒA,ƒ+5ƒVƒ@ƒ10ƒA,ƒ+12ƒVƒ@ƒ4ƒA,ƒ
+5ƒVsbƒ@ƒ0.75ƒA,ƒ-12ƒVƒ@ƒ1ƒA
ƒ
ƒ
Power Supplyƒ
85ƒW
ƒ
ƒ
Weight (Gross)ƒ
15ƒKgƒ(33.06ƒlbs)
System Hardware
ƒ
ƒ
CPUƒ
IntelƒCeleronƒMƒULVƒ1ƒGHzƒwithƒ512ƒKBƒL2ƒonƒboard
ƒ
ƒ
Chipsetƒ
Intelƒ915GME
ƒ
ƒ
Memoryƒ
1ƒGBƒDDR2ƒ240pinƒSDARMƒ533ƒMHz
ƒ
ƒ
LANƒ
10/100Base-TƒEthernetƒxƒ1,ƒ10/100/1000Base-Tƒ
Ethernetƒxƒ1
ƒ
ƒ
Expansionƒ
2ƒxƒhalf-lengthƒPCIƒSlotsƒ(totalƒ25ƒW)
ƒ
ƒ
Storageƒ
1ƒxƒCompactFlashƒSlot,ƒ
1ƒxƒSATAƒHDDƒinterfaceƒ(2.5"ƒHDDƒbay)
ƒ
ƒ
I/Osƒ
1ƒxƒRS-232
5ƒxƒUSBƒ2.0ƒ(oneƒatƒfront)ƒ
2ƒxƒPS2ƒ(Keyboard,ƒMouse)ƒ
1ƒxƒVGAƒPortƒ
1ƒxƒParallelƒPortƒ
Mic-in,ƒLine-in,ƒLine-out
LCD Display
ƒ
ƒ
Backlight Lifeƒ
50,000ƒhrs
ƒ
ƒ
Contrast Ratioƒ
800ƒ:ƒ1
ƒ
ƒ
Display Sizeƒ
17"
ƒ
ƒ
Display Typeƒ
SXGAƒTFTƒLCD
ƒ
ƒ
Luminanceƒ
300ƒcd/m2
ƒ
ƒ
Max. Colorsƒ
16.7Mƒ(RGBƒ6-bitƒ+ƒFRCƒdata)ƒ
ƒ
ƒ
Max. Resolutionƒ
1280ƒxƒ1024
ƒ
ƒ
Viewing Angle (H/V°)ƒ 160/160
Touchscreen (Optional)
ƒ
ƒ
Lifespanƒ
10ƒmillionsƒtimesƒtouchƒatƒsingleƒpoint
ƒ
ƒ
Light Transmissionƒ
>ƒ80%
ƒ
ƒ
Typeƒ
Analogƒresistiveƒ8-wire
Environment
ƒ
ƒ
Humidityƒ
5ƒ~ƒ85%ƒ@ƒ40ƒ°Cƒ(non-condensing)
ƒ
ƒ
Ingress Protectionƒ
Frontƒpanel:ƒNEMAƒ4/IPƒ65
ƒ
ƒ
Operating Temperatureƒ 0ƒ~ƒ50°ƒCƒ(32ƒ~ƒ122°ƒF)
ƒ
ƒ
Storage Temperatureƒ -20ƒ~ƒ60°ƒCƒ(-4ƒ~ƒ140°ƒF)
ƒ
ƒ
Vibration Protectionƒ
5ƒ~ƒ500ƒHz,ƒ1ƒGrmsƒrandomƒvibration
Ordering Information
ƒ
ƒ
IPPC-6172F-X0AE
17"ƒFanlessƒPanelƒPC,ƒCeleronƒM,ƒ2ƒxƒPCI
ƒ
ƒ
IPPC-6172F-R0AE
17"ƒFanlessƒPanelƒPC,ƒCeleronƒM,ƒ1ƒGHz,ƒ2ƒxƒPCI,ƒTSƒ
Introduction
TheƒIPPC-6172FƒisƒanƒIndustrialƒPanelƒPCƒwithƒfrontƒUSBƒaccess,ƒsupportsƒCeleronƒMƒULVƒ1ƒGHz,ƒ1ƒGBƒDDR2ƒmemory,ƒoneƒCompactFlashƒslotƒandƒtwoƒPCIƒexpansionƒslots.ƒTheƒ
flat-sealedƒfrontƒpanelƒdesignƒforƒeasierƒcleaningƒandƒliquidƒrunƒoff.ƒAlsoƒtheƒcontrolƒboxƒhasƒtheƒgull-wingƒdesignƒforƒeasyƒcomponentsƒinstallationƒandƒmaintenance.ƒTheƒdesignƒofƒ
fanlessƒcoolingƒsystemƒandƒspindle-freeƒstorageƒmakesƒIPPC-6172Fƒaƒdurableƒandƒreliableƒplatform.ƒAƒfast-accessƒSATAƒHDDƒisƒoption.ƒTwoƒPCIƒslotsƒmeetsƒdiverseƒrequests.
NEW


Similar Part No. - IPPC-6172F-R0AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPPC-6172A ADVANTECH-IPPC-6172A Datasheet
691Kb / 2P
17 SXGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
IPPC-6172A-R0AE ADVANTECH-IPPC-6172A-R0AE Datasheet
691Kb / 2P
17 SXGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
IPPC-6172A-RMKE ADVANTECH-IPPC-6172A-RMKE Datasheet
182Kb / 1P
IPPC Accessories
IPPC-6172A-X0AE ADVANTECH-IPPC-6172A-X0AE Datasheet
691Kb / 2P
17 SXGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
More results

Similar Description - IPPC-6172F-R0AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPPC-6152A ADVANTECH-IPPC-6152A Datasheet
697Kb / 2P
15 XGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
IPPC-6152A ADVANTECH-IPPC-6152A Datasheet
697Kb / 2P
15" XGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
IPPC-6152F ADVANTECH-IPPC-6152F Datasheet
700Kb / 2P
15 XGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with 2 x PCI Slots
IPPC-6172A ADVANTECH-IPPC-6172A Datasheet
691Kb / 2P
17 SXGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
IPPC-8151S ADVANTECH-IPPC-8151S Datasheet
646Kb / 2P
15 XGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with Stainless Steel
IPPC-9151F ADVANTECH-IPPC-9151F Datasheet
314Kb / 2P
15 XGA TFT LCD Pentium짰 4 Industrial Panel PC with 2 x PCI Slots
IPPC-9171G ADVANTECH-IPPC-9171G Datasheet
489Kb / 2P
17 SXGA TFT LCD Pentium 4 Industrial Panel PC with 2 x PCI Slots
UNO-3072L ADVANTECH-UNO-3072L Datasheet
583Kb / 1P
Intel짰 Celeron짰 M Fanless Box PC with 2 x PCI Slots
logo
Axiomtek Co., Ltd.
P6173 AXIOMTEK-P6173_16 Datasheet
355Kb / 2P
17 SXGA TFT Industrial LCD Monitor
P6171 AXIOMTEK-P6171_17 Datasheet
285Kb / 2P
17 SXGA TFT Industrial LCD Monitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com