Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ5246B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MMSZ5246B
Description  500mW, 5% Tolerance SMD Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMSZ5246B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MMSZ5246B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMSZ5246B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMSZ5246B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMSZ5221B~MMSZ5263B
500mW, 5% Tolerance SMD Zener Diode
Small Signal Diode
Electrical Characteristics
Ta = 25°C unless otherwise noted
VF Forward Voltage = 1V Maximum @ IF = 10 mA for all part numbers
Nom
Min
Max
MMSZ5221B
2.4
2.28
2.52
20
30
0.25
1200
100
1.0
MMSZ5222B
2.5
2.38
2.63
20
30
0.25
1250
100
1.0
MMSZ5223B
2.7
2.57
2.84
20
30
0.25
1300
75
1.0
MMSZ5224B
2.8
2.66
2.94
20
30
0.25
1400
75
1.0
MMSZ5225B
3.0
2.85
3.15
20
30
0.25
1600
50
1.0
MMSZ5226B
3.3
3.14
3.47
20
28
0.25
1600
25
1.0
MMSZ5227B
3.6
3.42
3.78
20
24
0.25
1700
15
1.0
MMSZ5228B
3.9
3.71
4.10
20
23
0.25
1900
10
1.0
MMSZ5229B
4.3
4.09
4.52
20
22
0.25
2000
5.0
1.0
MMSZ5230B
4.7
4.47
4.94
20
19
0.25
1900
5.0
2.0
MMSZ5231B
5.1
4.85
5.36
20
17
0.25
1600
5.0
2.0
MMSZ5232B
5.6
5.32
5.88
20
11
0.25
1600
5.0
3.0
MMSZ5233B
6.0
5.70
6.30
20
7
0.25
16900
5.0
3.5
MMSZ5234B
6.2
5.89
6.51
20
7
0.25
1000
5.0
4.0
MMSZ5235B
6.8
6.46
7.14
20
5
0.25
750
3.0
5.0
MMSZ5236B
7.5
7.13
7.88
20
6
0.25
500
3.0
6.0
MMSZ5237B
8.2
7.79
8.61
20
8
0.25
500
3.0
6.5
MMSZ5238B
8.7
8.27
9.14
20
8
0.25
600
3.0
6.5
MMSZ5239B
9.1
8.65
9.56
20
10
0.25
600
3.0
7.0
MMSZ5240B
10
9.50
10.50
20
17
0.25
600
3.0
8.0
MMSZ5241B
11
10.45
11.55
20
22
0.25
600
2.0
8.4
MMSZ5242B
12
11.40
12.60
20
30
0.25
600
1.0
9.1
MMSZ5243B
13
12.35
13.65
9.5
13
0.25
600
0.5
9.9
MMSZ5244B
14
13.30
14.70
9.0
15
0.25
600
0.1
10.0
MMSZ5245B
15
14.25
15.75
8.5
16
0.25
600
0.1
11
MMSZ5246B
16
15.20
16.80
7.8
17
0.25
600
0.1
12
MMSZ5247B
17
16.15
17.85
7.4
19
0.25
600
0.1
13
MMSZ5248B
18
17.10
18.90
7.0
21
0.25
600
0.1
14
MMSZ5249B
19
18.05
19.95
6.6
23
0.25
600
0.1
14
MMSZ5250B
20
19.00
21.00
6.2
25
0.25
600
0.1
15
MMSZ5251B
22
20.90
23.10
5.6
29
0.25
600
0.1
17
MMSZ5252B
24
22.80
25.20
5.2
33
0.25
600
0.1
18
MMSZ5253B
25
23.75
26.25
5.0
35
0.25
600
0.1
19
MMSZ5254B
27
25.65
28.35
5.0
41
0.25
600
0.1
21
MMSZ5255B
28
26.60
29.40
4.5
44
0.25
600
0.1
21
MMSZ5256B
30
28.50
31.50
4.2
49
0.25
600
0.1
23
MMSZ5257B
33
31.35
34.65
3.8
58
0.25
700
0.1
25
MMSZ5258B
36
34.20
37.80
3.4
70
0.25
700
0.1
27
MMSZ5259B
39
37.05
40.95
3.2
80
0.25
800
0.1
30
MMSZ5260B
43
40.85
45.15
3.0
93
0.25
900
0.1
33
MMSZ5261B
47
44.65
49.35
2.7
105
0.25
1000
0.1
36
MMSZ5262B
51
48.45
53.55
2.5
125
0.25
1100
0.1
39
MMSZ5263B
56
53.20
58.80
2.2
150
0.25
1300
0.1
43
Notes:
1. The Zener Voltage (VZ) is tested under pulse condition of 1ms.
2. The device numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value
equal to 10% of the DC zener current (IZT or IZK) is superimposed to IZT or IZK.
ZZK @ IZK(Ω)
Max
VZ @ IZT (Volt)
IR @ VR(μA)
Max
IZK(mA)
IZT(mA)
VR(V)
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and
tighter voltage tolerances, contact your nearest Taiwan semiconductor representative.
Part Number
ZZT @ IZT(Ω)
Max
Version : B09



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com