Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPPC-9151G Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IPPC-9151G
Description  15 XGA TFT LCD Pentium짰 4 Industrial Panel PC with 2 x PCI Slots
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPPC-9151G Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IPPC-9151G Datasheet HTML 1Page - Advantech Co., Ltd. IPPC-9151G Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Panel PC's
Features
Introduction
IPPC-9151G is a fully functional computer system with support for CPUs of different classes (Pentium 4 up to 2.8 GHz) and resolution up to 1024 x 768 to meet the demands of today’s
high-end industrial software. IPPC-9151G is a rugged unit with an aluminum panel, tempered glass 15" TFT LCD, a stainless steel structure and two expansion slots. IPPC-9151G
is rugged enough to handle the toughest industrial operating environments. With optional mounting accessories, from panels to racks, it can be mounted anywhere. There is also
IPPC-9151F, which has a flat-sealed front panel for easier cleaning and liquid run-off, which is suitable for tough hygiene requirements in food & beverage manufacturing.
15" XGA TFT LCD Pentium® 4 Industrial Panel PC
with 2 x PCI Slots
15" XGA TFT LCD Pentium® 4 Industrial Panel PC
with 2 x PCI Slots and Flat-sealed Front Panel
IPPC-9151G
IPPC-9151F
LCD Display
Backlight Life
50,000 hrs
Contrast Ratio
400 : 1
Display Size
15"
Display Type
XGA TFT LCD
Luminance
350 cd/m2
Max. Colors
262K,144K
Max. Resolution
1024 x 768
OSD Control
LCD ON/OFF, Brightness drop, up
Viewing Angle (H/V°)
120/100
Touchscreen (Optional)
Interface
USB
Lifespan
10 million touches at single point
Light Transmission
80%
OS Support
Windows 95/98/2000/XP, Linux
Type
Analog resistive (8-wire)
Environment
Humidity
5 ~ 85% @ 40° C (non-condensing)
Ingress Protection
Front panel: NEMA4/IP65
Operating Temperature 0 ~ 50° C (32 ~ 122° F)
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F)
Vibration Protection
5 ~ 500 Hz, 1 GRMS random vibration
Ordering Information
IPPC-9151G-XAE
15" XGA TFT LCD Pentium 4 Industrial Panel PC with
2 x PCI Slots
IPPC-9151G-RAE
IPPC-9151G-XAE with resistive touchscreen
IPPC-9151F-XAE
15" XGA TFT LCD Pentium 4 Industrial Panel PC with
2 x PCI Slots and flat-sealed front panel
IPPC-9151F-RAE
IPPC-9151F with resistive touchscreen
Intel® Pentium® 4 processors up to 2.8 GHz
15" XGA TFT LCD provides vivid, sharp and large images
Offers two expansion slots for PCI add-on cards
Front access USB connector
Heavy-duty stainless steel chassis with aluminum front panel
Strengthened glass protects the front panel from shock damage and is
NEMA4/IP65 compliant
Built-in FDD and CD-ROM support one 3.5" HDD Drive bat
Hard anodic coating to prevent panel abrasion and acid corrosion
Supports industrial mounting rack and panel mounting
Supports resistive touchscreen (Optional)
Specifications
General
BIOS
Award® 256 KB Flash BIOS
Certifications
BSMI, CCC, CE, FCC, UL
Cooling System
2 x 10.1 CFM fans w/50,000 hrs MTBF
Dimensions (W x H x D) 428 x 310 x 162 mm (16.85" x 12.2" x 6.37")
Disk Drive Bay
Supports one 3.5" HDD and build-in slim type CDROM
& FDD
Enclosure
Stainless steel back case, 10 mm aluminum front panel
Mounting
Panel, rack
Power Input
100 ~ 240 VAC @ 50 ~ 60 Hz, 4-2 A
Power Output
+ 5 V @ 15 A, +12 V @ 5 A, -12 V @ 0.5 A
Power Supply
180 W, MTBF: 100,000 hrs
Weight (Gross)
13 kg (28.66lb)
System Hardware
Audio Ports
Mic-in, Line-in, Line-out, and game port
Chipset
Intel 845 GV
CPU
Socket 478 Intel Pentium 4 up to 2.8 GHz
Intel Celeron® up to 2.5 GHz (400/533 MHz)
Expansion Slots
2 x low-profile PCI
IEEE-1394 Ports
2 x IEEE 1394 ports (Firewire)
Keyboard/Mouse
1 x PS/2 mouse and keyboard interface
LAN
1 x 10/100Base-T
Memory
Two 184 pin DDR DIMM sockets supports up to 2 GB
(Clock 266)
Parallel Ports
1 x standard parallel port
1 x enhanced parallel port, supports SPP/EPP/ECP
parallel mode.
BIOS configurable to LPT1, LPT2, LPT3 or disabled
PCMCIA Slots
2 x Type II
Serial Ports
1 x RS-232, 1 x RS-232/422/485
USB Ports
5 x USB 2.0 (one at front)
Video Ports
S-Video


Similar Part No. - IPPC-9151G

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPPC-9151G ADVANTECH-IPPC-9151G Datasheet
302Kb / 2P
Rugged Intel짰 Pentium짰 4 / Celeron짰 Industrial Panel PC with 15" LCD
IPPC-9151G-RA ADVANTECH-IPPC-9151G-RA Datasheet
302Kb / 2P
Rugged Intel짰 Pentium짰 4 / Celeron짰 Industrial Panel PC with 15" LCD
IPPC-9151G-RMKE ADVANTECH-IPPC-9151G-RMKE Datasheet
182Kb / 1P
IPPC Accessories
IPPC-9151G-XA ADVANTECH-IPPC-9151G-XA Datasheet
302Kb / 2P
Rugged Intel짰 Pentium짰 4 / Celeron짰 Industrial Panel PC with 15" LCD
More results

Similar Description - IPPC-9151G

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BPC-6169 BOSER-BPC-6169_1 Datasheet
740Kb / 26P
15??TFT Industrial Panel PC with PCI-ISA Bus SBC & three PCI Slots
logo
Advantech Co., Ltd.
IACP-4000D ADVANTECH-IACP-4000D Datasheet
257Kb / 2P
5.7" VGA TFT LCD Pentium짰 4/Celeron짰 D 4U Industrial Workstation with 7 x ISA/PCI Slots
IPPC-6152A ADVANTECH-IPPC-6152A Datasheet
697Kb / 2P
15 XGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
IPPC-6152A ADVANTECH-IPPC-6152A Datasheet
697Kb / 2P
15" XGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
IPPC-6152F ADVANTECH-IPPC-6152F Datasheet
700Kb / 2P
15 XGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with 2 x PCI Slots
IPPC-6172A ADVANTECH-IPPC-6172A Datasheet
691Kb / 2P
17 SXGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
IPPC-6172F ADVANTECH-IPPC-6172F Datasheet
497Kb / 2P
17 SXGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with 2 x PCI Slots
IPPC-7157A ADVANTECH-IPPC-7157A Datasheet
701Kb / 2P
15 XGA TFT LCD Pentium짰 4 Industrial Panel PC with 7 Expansion Slots and Keypad
IPPC-7158B ADVANTECH-IPPC-7158B Datasheet
744Kb / 2P
15 XGA TFT LCD Passive Backplane Industrial Panel PC with 14 Expansion Slots and Keypad
IPPC-9171G ADVANTECH-IPPC-9171G Datasheet
489Kb / 2P
17 SXGA TFT LCD Pentium 4 Industrial Panel PC with 2 x PCI Slots
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com