Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC-104 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PC-104
Description  Isolated RS-232/422/ 485 Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PC-104 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PC-104 Datasheet HTML 1Page - Advantech Co., Ltd. PC-104 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
7-33
www.advantech.com
7
Industrial Communications
PC/104
Jumperless Ethernet Module
PC/104-plus Ethernet Module
Dual-port Isolated CAN Interface Module
Features
• Automatically detects 8-bit or 16-bit
• AUI connector supports external
MAUs
• On-board 32 K byte buffer for muli-
package
u PCM-3660
Jumperless Ethernet
Module
Specifications
• I/O address: 200, 220, 240, 260, 280,
2A0, 2C0, 300, 320, 340, 380, 3A0
• Interrupt level:
IRQ 3, 4, 5, 9, 10, 11, 12 or 15
• Boot ROM address: C0000, C8000,
D0000, or D8000H
• Data bus: 8-bit, 16-bit, or auto-sending
• Connector: 16-bit PC/104 stackthrough
connector RJ-45 connector for 10Base-T,
16-pin insulation displacement connector
for AU1
• Standard: IEEE 802.3 10 Mbps CSMA/CD
10Base-T Transceiver
• Power consumption: +5 V @ 400 mA
max
Ordering Information
u PCM-3660-C1
Jumperless ethernet module
u PCM-3661-A
10Base-2 transceiver module
u PCM-3662
PC/104-plus Ethernet
Module
Features
• Support IEEE 802.3u Ethernet
standard
• Support IEEE 802.3x Full Duplex Flow
Control
• Support 10/100 Base-T Ethernet
• Support Wake-On-LAN function
• Provide 4 modes LED definition
Specifications
Hardware
• PC-104 form-factor: 64 x 8 mm
• Data bus: 32-bit
Software Driver support
• Windows 95/98/NT/2000 driver
• Novell server driver
• Windows for workgroups driver
• Unixware 7.0 driver
• WinCE driver for x86 platform
• Novell ODI client driver
• Novell ODI driverfor client32
• Linux driver
General
• Power: +5V @ 250 mA
• Temperature: 0° C to 70° C (operating)
-15° C to 80° C (storage)
• Humidity: 10% to 90% (operating)
Ordering Information
u PCM-3662A
PC/104-
plus Ethemnt Module
u PCM-3680
Dual-port Isolated CAN
Interface Module
Specifications
• Port: 2
• CAN controller: SIA-1000
• CAN transceiver: SIA-1000
• Signal aupport: CAN_H, CAN_L
• Memory segment base address:
From C800H to EFOOI
• IRQ: 3, 4, 5, 6, 7, 9, 10, 11, 12 or 15
• Isolation voltage: 1000 V
DC
• Power consumption: +5V @ 400 mA
typical, 950 mA
• Connectors: Dual DB-9 male connectors
(cable included)
• Operating temperature: 32° F to 122° F
(0 to 50°C)
• Dimmensions: 3.6" X 3.8" (90mm x 96
mm)
Ordering Information
u PCM-3680
Dual-port Isolated CAN Interface Module
Features
• Operates two separate CAN networks
at the same time
• High speed transmission up to 1
Mbps
• Direct memory mapping enables very
fast access to the CAN controllers
• C library and examples included
• DOS Library, Utility and Win 3.1/NT
DeviceNet DLL drivers included



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com