Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS103 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS103
Description  Dual Operational Amplifiers And Voltage Reference
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS103 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS103 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS103 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS103 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS103 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS103 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS103 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS103/A
Dual Operational Amplifiers And
Voltage Reference
2/6
Version: B07
Recommended Operating Conditions
Parameter
Min.
Max.
Unit
Supply Voltage
3
18
V
Ambient Temperature
-40
85
°C
Electrical Characteristics (Operating Conditions: VCC = +5V, TA= 25°C unless otherwise specified)
Parameters
Conditions
Min.
Typ.
Max.
Unit
V
CC
= 5V, no load, -40°C ≤T
A
≤85°C
--
0.5
0.8
Total Supply Current, excluding Current
in Voltage Reference
V
CC
= 18V, no load, -40°C≤ T
A
≤85°C
--
0.6
1.2
mA
Voltage Reference Section
I
KA
= 10mA, (TS103)
2.475
2.500
2.525
Reference Voltage
I
KA
= 10mA, (TS103A)
2.490
2.500
2.510
V
Reference Voltage Deviation
Over Full Temperature Range
I
KA
= 10mA,
T
A
=-40 to 85°C
--
--
5
5
24
17
mV
Minimum Cathode Current
for Regulation
--
0.2
1.0
mA
Dynamic Impedance
V
CC
= 1.0 to 80mA, f<1kHz
0.3
0.5
Ω
OP AMP 1 Section (VCC= 5V, VO= 1.4V, TA= 25°C, unless otherwise noted)
TA = 25°C (TS103)
--
0.5
3
TA = 25°C (TS103A)
--
0.5
2
Input Offset Voltage
TA = -40 to 85°C
--
--
5
mV
Input Offset Voltage
Temperature Drift
TA = -40 to 85°C
--
7
--
µV/°C
Input Bias Current
(Inverting Input Only)
TA = 25°C
--
20
150
nA
Large Signal Voltage Gain
V
CC
= 15V, R
L
= 2kΩ,
V
O
= 1.4 to 11.4V
85
100
--
dB
Power Supply Rejection Ratio
V
CC
= 5 to l8V
70
90
--
dB
Source
V
CC
= 15V, V
ID
= 1V, V
O
= 2V
20
40
--
mA
Output Current
Sink
V
CC
= 15V, V
ID
= -1V, V
O
= 2V
10
20
--
mA
Output Voltage Swing (High)
V
CC
= 18V, R
L
= 10kΩ, V
ID
= 1V
16
16.5
--
V
Output Voltage Swing (Low)
V
CC
= 18V, R
L
= 10kΩ, V
ID
= -1V
--
17
100
mV
Slew Rate
V
CC
= 18V, R
L
= 2kΩ, A
V
= 1,
V
IN
= 0.5 to 2V, C
L
= 100pF
0.2
0.5
--
V/µs
Gain Bandwidth Product
V
CC
= 18V, R
L
= 2kΩ, C
L
= 100pF
V
IN
= 10mV, f = 100kHz
0.5
1
--
MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com