Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS339 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS339
Description  Low Power Low Offset Quad Comparators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS339 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS339_09 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS339_09 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS339_09 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS339_09 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS339_09 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS339_09 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS339_09 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS339
Low Power Low Offset Quad Comparators
2/7
Version: A09
Electrical Characteristics (VCC = 5V, Ta=25oC; unless otherwise specified.)
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Input Offset Voltage (note 2)
VIO
--
±2.0
±5.0
mV
Input Offset Current (note 2)
IIO
--
±5.0
±50
nA
Input Bias Current (note 2, 3)
(Output in linear range)
IIB
25
250
nA
Input Common-Mode Voltage Range (note 4)
VICR
0
--
Vcc-1.5
V
Voltage Gain
RL≥15K, VCC=15V
AVOL
50
200
--
V/mV
Large Signal Response Time
Vin = TTL Logic Swing.
Vref = 1.4V, VRL = 5V. RL= 5.1KΩ
--
--
300
--
nS
Response Time (note 4)
VRL = 5V. RL= 5.1KΩ
--
--
1.3
--
uS
Output Sink Current
ISINK
6.0
16
--
mA
Saturation Voltage
VI(+)≥+1V, VI(-)=0, Vo=+5V
VSAT
--
130
400
mV
Output Leakage Current VID=+1.0V,VCC=15V
IOL
--
0.1
--
nA
Supply Current
RL = ∞ (For All Comparators)
RL = ∞, VCC = 30V
ICC
--
--
0.8
1.0
2.0
2.5
mA
Notes:
1. TS339: TLOW=0ºC, Thigh=+70ºC
2. At the output switch point, VO=1.4Vdc, RS ≤100Ω, 5.0Vdc≤ VCC ≤30Vdc, with the inputs over the full common-mode
range (0Vdc to VCC -1.5Vdc).
3. The bias current flows out of the inputs due to the PNP input stage. This current is virtually constant, independent
of the output state.
4. The response time specified is for a 100mV input step with 5mV overdrive For larger signals, 300ns is typical.
5. Positive excursions of input voltage may exceed the power supply level. As long as one of the inputs remain within
the common-mode range, the comparator will provide the proper output state.
6. The comparator will inhibit proper output state if one of the inputs is become greater than VCC, the other input must
remain within the common mode range. The low input state must not be less than -0.3volts of ground of minus
supply.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com