Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS358 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS358
Description  Single Supply Dual Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS358 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS358 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS358 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS358 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS358 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS358 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS358 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS358 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS358 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS358
Single Supply Dual Operational Amplifiers
1/8
Version: A09
SOP-8
DIP-8
General Description
Utilizing the circuit designs perfected for recently introduced Quad Operational Amplifiers, these dual operational
amplifiers have several distinct advantages over standard operational amplifier types in single supply applications.
They can operate at supply voltages as low as 3.0 Volts or as high as 32 Volts with quiescent currents about one fifth
of those associated with the LM741 (on a pet amplifier basis). The common mode input range includes the negative
supply, thereby eliminating the necessity for external biasing components in many applications. The TS358 is
equivalent to one half of TS324, and output voltage range also includes the negative supply voltage.
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Supply Voltage
VCC
+32 or ±16
V
Differential Input Voltage (Split Power Supplies)
VIDR
32
V
Input Common Mode Voltage Range (note 1)
VICR
-0.3 to 32
V
Input Forward Current (note 2)
IIF
50
mA
Output Short Circuit Duration
tsc
Continuous
Operating Junction Temperature Range
TJ
0 ~ +70
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Note 1: For supply, voltages less than 32V for the TS358 the absolute maximum input voltage is equal to the supply
voltage.
Note 2: This input current will only exist when the voltage is negative at any of the input leads. Normal output states
will reestablish when the input voltage returns to a voltage greater than -0.3V.
Features
●
Short circuit protected outputs
●
True differential input stage
●
Single supply operation: 3V to 32V
●
Low input bias currents
●
Internally compensated
●
Common mode range extends to negative supply
●
Single and split supply operation
●
Similar performance to the popular MC1558
Ordering Information
Part No.
Package
Packing
TS358CD C3
DIP-8
50pcs / Tube
TS358CS RL
SOP-8
2.5Kpcs / 13” Reel
Block Diagram
Pin assignment:
1. Output A
8. Vcc
2. Input A (-)
7. Output B
3. Input A (+)
6. Input B (-)
4. Gnd
5. Input B (+)


Similar Part No. - TS358

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358 Datasheet
166Kb / 6P
Dual Operating Amplifier
TS358CD TSC-TS358CD Datasheet
166Kb / 6P
Dual Operating Amplifier
TS358CS TSC-TS358CS Datasheet
166Kb / 6P
Dual Operating Amplifier
More results

Similar Description - TS358

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM358 KEXIN-KM358 Datasheet
398Kb / 2P
Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
logo
Shenzhen Luguang Electr...
LM358 LUGUANG-LM358 Datasheet
167Kb / 2P
Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
Single Supply Dual Operational Amplifiers
LM258 KEXIN-LM258 Datasheet
73Kb / 2P
Single Supply Dual Operational Amplifiers
LM358 KEXIN-LM358 Datasheet
882Kb / 3P
Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com