Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS810R Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS810R
Description  Microprocessor Reset Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS810R Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS810R Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS810R Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS810R Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS810R Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS810R Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS810R Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS810R Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS809/810/809R/810R Series
Microprocessor Reset Circuit
2/7
Version: A07
Absolute Maximum Rating
Parameter
Symbol
Maximum
Unit
Terminal Voltage (with respect to Gnd)
VCC
7
V
RESET & (RESET) push-pull
VRESET
- 0.3 ~ (VCC +0.3)
V
Input Current, VCC
ICC
20
mA
Output Current, RESET, (RESET)
IO
20
mA
Rate of Rise, VCC
VR
100
V/uS
Continuous Power Dissipation
PD
320
mW
Operating Junction Temperature Range
TOPR
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
TLEAD
10
S
Electrical Specifications (Ta = 25oC, unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Input Supply Voltage
Ta=-40
oC~+85oC
VCC
1.0
--
5.5
V
VIN=VIN *1.10
--
--
3.0
Supply Current
VIN=VIN *1.10, Ta=-40
oC~+85oC
ICC
-
--
5.0
uA
TS809/809R/810/810RCXA
4.56
4.63
4.7
TS809/809R/810/810RCXB
4.31
4.38
4.45
TS809/809R/810/810RCXC
3.94
4.00
4.06
TS809/809R/810/810RCXD
3.03
3.08
3.13
TS809/809R/810/810RCXE
2.89
2.93
2.97
TS809/809R/810/810RCXF
2.59
2.63
2.67
TS809/809R/810/810RCXG
2.28
2.32
2.35
TS809CXH
2.07
2.1
2.13
Reset Threshold
TS809CXI
VTH
1.97
2.0
2.03
V
Reset Threshold
Temperature Coefficient
30
50
160
ppm/
oC
VCC to Reset Delay
VCC = VTH - 100mV
--
40
--
uS
Reset Active Timeout Period
Ta=-40
oC~+85oC
TDELAY
140
210
500
mS
RESET Output (TS809/R)
Voltage Low
VCC < VTH(MAX), ISINK =1.2mA
VOL
--
--
0.2
V
VCC > VTH(MAX), ISOURCE =0.5mA,
VCC > 1.8V
RESET Output (TS809/R)
Voltage High
VCC > VTH(MAX), ISOURCE =0.15mA,
1.8V ≥ VCC >1.0V
VOH
0.8
VCC
--
--
V
(RESET) Output (TS810/R)
Voltage Low
VCC > VTH(MAX), ISINK =1.2mA
VOL
--
--
0.2
V
VCC < VTH(MAX), ISOURCE =0.5mA,
VCC > 1.8V
(RESET) Output (TS810/R)
Voltage High
VCC > VTH(MAX), ISOURCE =0.15mA,
1.8V ≥ VCC >1.0V
VOH
0.8
VCC
--
--
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com