Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2507CSRL Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS2507CSRL
Description  0.5A / 330KHz PWM Buck Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2507CSRL Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS2507CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2507CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2507CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2507CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2507CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2507CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2507CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2507CSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2507CSRL Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TS2507
0.5A / 330KHz PWM Buck Controller
5/9
Version: A07
Function Descriptions (Continue)
Inductor Selection
For most designs, Low inductance values are physically smaller but require faster switching, which results in some
efficiency loss. The inductor value can be derived from the following equation:
Where is inductor Ripple Current. Large value inductors lower ripple current and small value inductors result in high
ripple currents. Choose inductor ripple current approximately 15% of the maximum input current 3A, ∆IL=0.45A.
Table 2 Inductor select for output voltage setting (TS2507 at VCC=12V)
VOUT
2.5V
3.3V
5V
3.3V(5A)
5V(5A)
L1 Value
15uH
18uH
22uH
12uH
15uH
The DC current rating of the inductor should be at least equal to the maximum load current plus half the ripple current
to prevent core saturation (3A+0.3A).
Layout Guidance
When laying out the PC board, the following suggestions should be taken to ensure proper operation of the TS2507.
These items are also illustrated graphically in below.
1. The power traces, including the PMOS Drain & Source trace, the Schottky and the C2 trace should be kept short,
direct and wide to allow large current flow.
2. Connect the C5 to the VCC & EN pins of the TS2507 as closely as possible to get good power filter effect.
3. Keep the switching node, away from the sensitive FB node.
4. Connect ground side of the C2 & D1 as closely as possible.
5. Connect PMOS Source and R3 as closely as possible.
6. Do not trace signal line under inductor.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com