Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2508CSRL Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS2508CSRL
Description  2A / 330KHz PWM Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2508CSRL Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2508CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2508CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2508CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2508CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2508CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2508CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2508CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2508CSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS2508
2A / 330KHz PWM Buck Converter
2/8
Version: B07
Electrical Specifications (VIN=12V, Ta=25oC unless otherwise noted)
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Feedback Voltage
VFB
IOUT =0.1A
0.784
0.800
0.816
V
Quiescent Current
Iq
VFB =1.2V force driver off
--
3
5
mA
Feedback Bias Current
IFB
IOUT =0.1A
--
0.1
0.5
uA
Shutdown Supply Current
ISD
VEN =0V
--
2
10
uA
OCSET pin bias current
IOCSET
95
110
125
uA
Switch Current
ISW
2
--
--
A
Line Regulation
∆VOUT/VOUT
VCC = 5V~20V, IOUT =0.2A
--
1
2
%
Load Regulation
IOCSET
IOUT = 0.1 to 2A
--
0.3
0.5
%
Oscillation Frequency
FOSC
SW pin
260
330
400
KHz
VSH
High (regulator ON)
2.0
--
--
EN Pin Logic input
threshold voltage
VSL
Low (regulator OFF)
--
--
0.8
V
ISH
VEN =2.5V (ON)
--
20
--
uA
EN Pin Input Current
ISL
VEN =0.3V (OFF)
--
-10
--
uA
Soft-Start Time
TSS
0.3
4
8
ms
VCC = 5V, VFB = 0V
--
100
140
mΩ
Internal P-MOS RDSON
RDSON
VCC = 12V, VFB = 0V
--
70
100
mΩ
IOUT = 1A
--
92
--
Efficiency
EFFI
VCC = 12V,
VOUT = 5V
IOUT = 2A
--
92
--
%
Block Diagram
Pin Assignment
Name
Description
Name
Description
FB
Feedback pin
Vss
GND pin
EN
H:Normal operation (Step-down)
L:Step-down operation stopped (All circuit deactivated)
Vss
GND pin
OCSET
Add an external resistor to set max switch output
current.
SW
Switch pin. Connect external inductor
& diode here
Vcc
IC power supply pin
SW
Switch pin. Connect external inductor
& diode here



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com