Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS19373CX5RF Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS19373CX5RF
Description  800mA Buck (Step-down) WLED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19373CX5RF Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS19373CX5RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19373CX5RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19373CX5RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19373CX5RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19373CX5RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19373CX5RF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19373CX5RF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS19373
800mA Buck (Step-down) WLED Driver
4/7
Version: A09
Typical Application Circuit
Typical Application Circuit – LED Tube
Bill of Materials:
Designation
Description
Package
Manufacture
Remark
LED Driver
TS19373CX5
SOT-25
TSC
--
D1,2,3,4,5
SS14L
SMA
TSC
1A, 40V
L1
100uH
--
Generic
Isat > 500mA
R1
0.5Ω
1206
Generic
--
Cin
10uF
805
Generic
Ceramic
C1
200pF
805
Generic
Ceramic
C2
100uF
Generic
Tantalum or Electrolysis * AC Input
Input Voltage vs. Efficiency
Reference Design Information
VIN Range
(V)
L
(uH)
LED
(Series)
Current
(mA)
Efficiency
(%)
12
68
3pcs
300
89
24
100
7pcs
300
90



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com