Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS39103CP533RO Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS39103CP533RO
Description  1A Ultra Low Dropout Voltage Regulator with Multi-Function
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39103CP533RO Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS39103CP533RO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39103CP533RO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39103CP533RO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39103CP533RO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39103CP533RO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39103CP533RO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39103CP533RO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39103CP533RO Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TS39103
1A Ultra Low Dropout Voltage Regulator
with Multi-Function
6/8
Version: A08
Application Information (Continue)
Copper area lay out information
Determine the power dissipation requirements for the design along with the maximum ambient temperature at which
the device will be operated. Refer to power dissipation with copper area curve, which shows safe operating curves for
three different ambient temperatures with 25
oC, 50oC, 85oC. From these curves, the minimum amount of copper can
be determined by knowing the maximum power dissipation required.
PD = (VIN- VOUT) * IOUT + VIN * IGND
If we used a 5.0V output device and a 6V input at an output current of 350mA, then the power dissipation is as follows:
PD = (6.0V- 5.0V) * 350mA + 5V * 4mA
PD = 350mW + 20mW
PD = 370mW
If the maximum ambient temperature is 85
oC and the power dissipation is as above 375mW, the curve is shows that
the required area of copper is 80mm
2.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com