Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS39101CS33RL Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS39101CS33RL
Description  1A Ultra Low Dropout Voltage Regulator with Multi-Function
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39101CS33RL Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS39101CS33RL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39101CS33RL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39101CS33RL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39101CS33RL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39101CS33RL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39101CS33RL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39101CS33RL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39101CS33RL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39101CS33RL Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TS39101/2/4
1A Ultra Low Dropout Voltage Regulator
with Multi-Function
4/9
Version: A08
Functional Diagram
TS39101 Fixed Regulator with Flag and Enable Block Diagram
TS39102/4 Adjustable Regulator Block Diagram
Application Information
The TS39101/2/4 are high performance with low dropout voltage regulator suitable for moderate to high current and
voltage regulator application. Its 630mV dropout voltage at full load and over temperature makes it especially valuable
in battery power systems and as high efficiency noise filters in post regulator applications. Unlike normal NPN
transistor design, where the base to emitter voltage drop and collector to emitter saturation voltage limit the minimum
dropout voltage, dropout performance of the PNP output of these devices is limited only by low VCE saturation voltage.
The TS39101/2/4 s fully protected from damage due to fault conditions. Linear current limiting is provided. Output
current during overload conditions is constant. Thermal shutdown the device when the die temperature exceeds the
maximum safe operating temperature. Transient protection allows device survival even when the input voltage spikes
above and below nominal. The output structure of these regulators allows voltages in excess of the desired output
voltage to be applied without reverse current flow.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com