Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS39101CS50RL Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TS39101CS50RL
Description  1A Ultra Low Dropout Voltage Regulator with Multi-Function
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39101CS50RL Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS39101CS50RL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39101CS50RL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39101CS50RL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39101CS50RL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39101CS50RL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39101CS50RL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39101CS50RL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39101CS50RL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39101CS50RL Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TS39101/2/4
1A Ultra Low Dropout Voltage Regulator
with Multi-Function
7/9
Version: A08
Application Information (Continue)
Transient Response and 3.3V to 2.5V or 2.5V to 1.8V Conversion
TS39101/2/4 has excellent transient response to variations in input voltage and load current. The device have been
designed to respond quickly to load current variations and input voltage variations. Large output capacitors are not
required to obtain this performance. A standard 10uF output capacitor, preferably tantalum, is all that is required.
Larger values help to improve performance even further. By virtue of its low dropout voltage, this device does not
saturate into dropout as readily as similar NPN base designs. When converting from 3.3V to 2.5V or 2.5V to 1.8V, the
NPN based regulators are already operating in dropout, with typical dropout requirements of 1.2V or greater,. To
convert down to 2.5V or 1.8V without operating in dropout, NPN based regulators require an input voltage of 3.7V at
the very least. The TS39101/2/4 regulator will provide excellent performance with an input as low as 3.0V or 2.5V
respectively. This gives the PNP based regulators a distinct advantage over older, NPN based linear regulators.
Power Dissipation
From under curves, the minimum area of copper necessary for the par to operate safely can be determined. The
maximum allowable temperature rise must be calculated to determine operation along which curve.
Copper area lay out information
Determine the power dissipation requirements for the design along with the maximum ambient temperature at which
the device will be operated. Refer to power dissipation with copper area curve, which shows safe operating curves for
three different ambient temperatures with 25
oC, 50oC, 85oC. From these curves, the minimum amount of copper can
be determined by knowing the maximum power dissipation required.
PD = (VIN- VOUT) * IOUT + VIN * IGND
If we used a 5.0V output device and a 6V input at an output current of 350mA, then the power dissipation is as follows:
PD = (6.0V- 5.0V) * 350mA + 5V * 4mA
PD = 350mW + 20mW
PD = 370mW
If the maximum ambient temperature is 85
oC and the power dissipation is as above 375mW, the curve is shows that
the required area of copper is 80mm
2.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com