Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS39102CSRL Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS39102CSRL
Description  1A Ultra Low Dropout Voltage Regulator with Multi-Function
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39102CSRL Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS39102CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39102CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39102CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39102CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39102CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39102CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39102CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39102CSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39102CSRL Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TS39101/2/4
1A Ultra Low Dropout Voltage Regulator
with Multi-Function
2/9
Version: A08
Absolute Maximum Rating (Note 1)
Supply Voltage
VIN
-20V ~ +20
V
Enable Voltage
VEN
+20
V
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
ESD
(Note 3)
Operating Rating (Note 2)
Operation Input Voltage
VIN (operate)
+2.25 ~ +16
V
Operation Enable Voltage
VEN (operate)
+2.25 ~ +16
V
Power Dissipation (Note 4)
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Thermal Resistance Junction to Case
RθJC
20
oC/W
Electrical Characteristics
VIN = VOUT + 1V, VIN =2.5V for fixed reference output voltage, Venable= 2.25V, Ta = 25
oC, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
Fixed Output Voltage
10mA ≤ IL ≤ 1.0A,
Vo+1V ≤ VIN ≤ 8V
0.980|Vo|
VOUT
1.020|Vo|
V
IL=10mA
0.980|Vo|
1.020|Vo|
Fixed Reference Output Voltage
(TS39102/4)
10mA ≤ IL ≤ 1.0A,
2.5V ≤ VIN ≤ 16V
0.970|Vo|
1.24
(VREF)
1.030|Vo|
V
Line Regulation
IL=10mA, Vo+1V ≤ VIN ≤ 16V
--
0.05
0.5
%
VIN =Vout+1V, 8mA≤IL≤300mA
--
0.05
0.1
Load Regulation
VIN =Vout+1V, 10mA≤IL≤1A
--
0.2
1.0
%
Output Voltage Temp. Coefficient
--
40
100
ppm/
oC
Dropout Voltage (Note 5)
ΔVOUT = -1%
IL=100mA
IL=500mA
IL=1.0A
--
--
--
100
275
400
250
350
630
mV
Quiescent Current (Note 6)
VIN= VOUT +1V
IL=100mA
IL=500mA
IL=1.0A
--
--
--
0.7
4.0
12.0
2
6
20
mA
Current Limited
VOUT =0, VIN = VOUT +1V
--
1.8
--
A
Adjust Pin Bias Current
--
40
120
nA
Reference Voltage Temp. Coefficient
(Note 8)
--
20
--
ppm/
oC
Adjust Pin Bias Current Temp. Coefficient
--
0.1
--
nA/
oC
Flag Output (TS39101)
Output Leakage Current
VOH=16V
--
--
2
uA
Output Low Voltage (Note 9)
VIN=0.9 * VOUT, IOL=250uA
--
--
400
mV
Upper Threshold Voltage
% of VOUT
--
--
99
%
Lower Threshold Voltage
% of VOUT
93
--
--
%
Hysteresis
--
1
--
%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com