Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM2N60SCWRP Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2N60SCWRP
Description  600V N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2N60SCWRP Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM2N60SCWRP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2N60SCWRP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2N60SCWRP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2N60SCWRP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2N60SCWRP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2N60SCWRP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM2N60SCWRP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM2N60SCWRP Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSM2N60S
600V N-Channel Power MOSFET
1/1
Version: A09
SOT-223
General Description
The TSM2N60S is used an advanced termination scheme to provide enhanced voltage-blocking capability without
degrading performance over time. In addition, this advanced MOSFET is designed to withstand high energy in
avalanche and commutation modes. The new energy efficient design also offers a drain- to-source diode with a fast
recovery time. Designed for high voltage, high speed switching applications in power supplies, converters and PWM
motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe
operating areas are critical and offer additional and safety margin against unexpected voltage transients.
Features
●
Robust high voltage termination
●
Avalanche energy specified
●
Diode is characterized for use in bridge circuits
●
Source to Drain diode recovery time comparable to a
discrete fast recovery diode.
Ordering Information
Part No.
Package
Packing
TSM2N60SCW RP
SOT-223
2.5Kpcs / 13” Reel
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
600
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
ID
0.6
A
Pulsed Drain Current
IDM
1.5
A
Continuous Source Current (Diode Conduction)
IS
1
A
Drain Source Voltage Slope (VDS = 480V, ID=0.8A, TJ = 125
oC)
dv/dt
50
V/ns
Total Maximum Power Dissipation @Ta = 25
oC
PDTOT
2.5
W
Operating Junction Temperature
TJ
+150
ºC
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
ºC
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Case
RӨJC
15
ºC/W
Thermal Resistance - Junction to Ambient
RӨJA
55.8
ºC/W
Notes: Surface mounted on FR4 board t ≤ 10sec
PRODUCT SUMMARY
VDS (V)
RDS(on)(Ω)
ID (A)
600
5 @ VGS =10V
0.6
Pin Definition:
1. Gate
2. Drain
3. Source
Block Diagram
N-Channel MOSFET


Similar Part No. - TSM2N60SCWRP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N60SCWRPG TSC-TSM2N60SCWRPG Datasheet
344Kb / 7P
N-Channel Power MOSFET
More results

Similar Description - TSM2N60SCWRP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N60 TSC-TSM2N60_07 Datasheet
459Kb / 8P
600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM6N60 TSC-TSM6N60 Datasheet
147Kb / 5P
600V N-Channel Power MOSFET
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
600V N-Channel Power MOSFET
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N60 DYELEC-6N60 Datasheet
1Mb / 8P
600V N-Channel Power MOSFET
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
600V N-Channel Power MOSFET
10N60 DYELEC-10N60 Datasheet
2Mb / 9P
600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJP04N60 JIANGSU-CJP04N60 Datasheet
1Mb / 4P
600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com