Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM4N60CPRO Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4N60CPRO
Description  600V N-Channel Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4N60CPRO Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TSM4N60CPRO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4N60CPRO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4N60CPRO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4N60CPRO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4N60CPRO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4N60CPRO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM4N60CPRO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM4N60CPRO Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM4N60CPRO Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TSM4N60
600V N-Channel Power MOSFET
7/9
Version: A07
SOT-251 Mechanical Drawing
TO-251 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
2.20
2.4
0.087
0.095
A1
1.10
1.30
0.043
0.051
b
0.40
0.80
0.016
0.032
C
0.40
0.60
0.016
0.024
D
6.70
7.30
0.264
0.287
D1
5.40
5.65
0.213
0.222
E
6.40
6.65
0.252
0.262
e
2.10
2.50
0.083
0.098
F
0.40
0.60
0.016
0.024
L
7.00
8.00
0.276
0.315
L1
1.60
1.86
0.063
0.073



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com