Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM802 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM802
Description  20V N-Channel MOSFET w/ESD Protected
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM802 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM802 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM802 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM802 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM802 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM802 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM802 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM802
20V N-Channel MOSFET w/ESD Protected
1/6
Version: D08
PRODUCT SUMMARY
VDS (V)
RDS(on)(mΩ)
ID (A)
25 @ VGS = 4.5V
5
30 @ VGS = 2.5V
4
TDFN 3x3
20
65 @ VGS = 1.8V
2
Features
●
Advance Trench Process Technology
●
High Density Cell Design for Ultra Low On-resistance
●
Low Profile 0.75mm (typ.)
●
ESD Protect 2KV
Application
●
Specially Designed for Li-on Battery Packs
●
Battery Switch Application
Ordering Information
Part No.
Package
Packing
TSM802CQ RV
TDFN 3x3
3Kpcs / 7” Reel
TSM802CQ RVG
TDFN 3x3
3Kpcs / 7” Reel
TSM802CQ RK
TDFN 3x3
10Kpcs / 13” Reel
TSM802CQ RKG
TDFN 3x3
10Kpcs / 13” Reel
Note: “G” denotes for Halogen Free
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
ID
6
A
Pulsed Drain Current
IDM
30
A
Continuous Source Current (Diode Conduction)
a,b
IS
1.4
A
Ta = 25
oC
3.1
Maximum Power Dissipation
Ta = 75
oC
PD
1.6
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Case Thermal Resistance
RθJC
4.5
oC/W
Junction to Ambient Thermal Resistance (PCB mounted)
RθJA
48
oC/W
Notes:
a. Pulse width limited by the Maximum junction temperature
b. Surface Mounted on 1”x1” FR4 Board, t ≤ 10 sec.
c. Pulse limited <5s @ ID=10A / VGS=10V
Pin Definition:
1. Source
2. Source
3. Source
4. Gate
5, 6, 7, 8. Drain
Block Diagram
N-Channel MOSFET


Similar Part No. - TSM802

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM80N08 TSC-TSM80N08 Datasheet
68Kb / 4P
75V N-Channel Power MOSFET
TSM80N08CZC0 TSC-TSM80N08CZC0 Datasheet
392Kb / 6P
75V N-Channel Power MOSFET
TSM80N08_1307 TSC-TSM80N08_1307 Datasheet
392Kb / 6P
75V N-Channel Power MOSFET
TSM80N1R2 TSC-TSM80N1R2 Datasheet
697Kb / 8P
N-Channel Power MOSFET
TSM80N1R2CI TSC-TSM80N1R2CI Datasheet
618Kb / 7P
N-Channel Power MOSFET
More results

Similar Description - TSM802

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3460 TSC-TSM3460 Datasheet
174Kb / 5P
20V N-Channel MOSFET w/ESD Protected
TSM3461 TSC-TSM3461 Datasheet
174Kb / 5P
20V N-Channel MOSFET w/ESD Protected
TSM6968SD TSC-TSM6968SD Datasheet
174Kb / 5P
20V Dual N-Channel MOSFET w/ESD Protected
TSM7401 TSC-TSM7401 Datasheet
175Kb / 5P
20V N-Channel MOSFET w/ESD Protected
TSM3461CX5 TSC-TSM3461CX5 Datasheet
174Kb / 5P
20V N-Channel MOSFET w/ESD Protected
TSM7401 TSC-TSM7401_1 Datasheet
354Kb / 6P
20V N-Channel MOSFET w/ESD Protected
TSM3460 TSC-TSM3460_07 Datasheet
353Kb / 6P
20V N-Channel MOSFET w/ESD Protected
TSM7311D TSC-TSM7311D_07 Datasheet
354Kb / 6P
20V Dual N-Channel MOSFET w/ESD Protected
TSM3460 TSC-TSM3460_08 Datasheet
127Kb / 6P
20V N-Channel MOSFET w/ESD Protected
TSM7900D TSC-TSM7900D_10 Datasheet
234Kb / 6P
20V Dual N-Channel MOSFET w/ESD Protected
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com