Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM4404 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4404
Description  30V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4404 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM4404 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4404 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4404 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4404 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4404 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4404 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM4404
30V N-Channel MOSFET
2/6
Version: A09
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID =250uA
BVDSS
30
--
--
V
Gate Threshold Voltage
VDS = VGS, ID =250µA
VGS(TH)
0.7
--
1.4
V
Gate Body Leakage
VGS = ±12V, VDS =0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS = 24V, VGS =0V
IDSS
--
--
1.0
µA
VGS = 10V, ID =8.5A
--
24
30
VGS = 4.5V, ID =8.5A
RDS(ON)
--
27
33
Drain-Source On-State Resistance
a
VGS = 2.5V, ID =5A
--
40
48
mΩ
Forward Transconductance
a
VDS = 5V, ID =5A
gfs
--
16
--
S
Diode Forward Voltage
IS = 1A, VGS =0V
VSD
--
0.76
1.0
V
Dynamic
b
Total Gate Charge
Qg
--
9.7
12
Gate-Source Charge
Qgs
--
1.63
--
Gate-Drain Charge
VDS = 15V, ID = 8.5A,
VGS = 4.5V
Qgd
--
3.1
--
nC
Input Capacitance
Ciss
--
857
1030
Output Capacitance
Coss
--
97
--
Reverse Transfer Capacitance
VDS = 15V, VGS = 0V,
f = 1.0MHz
Crss
--
71
--
pF
Switching
c
Turn-On Delay Time
td(on)
--
3.3
5
Turn-On Rise Time
tr
--
4.7
7
Turn-Off Delay Time
td(off)
--
26
39
Turn-Off Fall Time
VDD = 15V, RL = 1.8Ω,
ID = 1A, VGEN = 10V,
RG = 6Ω
tf
--
4.1
6.2
nS
Notes:
a. pulse test: PW ≤300µS, duty cycle ≤2%
b. For DESIGN AID ONLY, not subject to production testing.
b. Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com