Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR2KB40 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # UR2KB40
Description  Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UR2KB40 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UR2KB40 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UR2KB40 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Prelimitary specification
U
Symbol
Units
VRRM
V
VRMS
V
VDC
V
I(AV)
A
IFSM
A
I2tA2S
VF
V
IR
uA
Vdis
kV
RθJA
RθJC
RθJL
oC/W
TJ
OC
TSTG
OC
560
800
Typical Thermal Resistance (Note 1)
Dielectric Strength (Terminal to Case, AC 1minute)
55
1.5
15
Rating of fusing ( t < 8.3mS )
2.0
Maximum Instantaneous Forward Voltage @ 1.0A
Maximum DC Reverse Current at Rated DC Blocking Voltage
16
1.05
10
Single Phase 2.0 AMPS.
Glass Passivated Bridge Rectifiers
Glass passivated junction
High case dielectric strength
Plastic material has Underwriters laboratory
flammability Classification 94V-0
D3K
Features
Ideal for printed circuit board
UL Recoganized
62
Type Number
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Current
Without heat sink
Ta=25oC
60 Hz sine wave resistance load
With heat sink
Tc=143oC
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed
on Rated Load (JEDEC method )
1.2
2.0
UR2KB80
800
Rating at 25℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Mechanical Data
High temperature soldering guaranteed:
260℃ / 10 seconds at 5 lbs., ( 2.3 kg ) tension
Maximum Ratings and Electrical Characteristics
Note 1 : Unit case mounted on 2" x 3" x 0.25" Al plate heat sink.
Operating Temperature Range
Storage Temperature Range
-55 to +150
-55 to +150
Typical IR less than 0.1uA
Dimension in inches and (millimeter)
Green compound with suffix “G” on packing code &
prefix “G” on datecode.
Mounting Torque : 0.8 N.M max.
Terminal : Pure tin plated , Lead free. Leads solderable per
MIL-STD-202 Method 208
Case : Molded plastic body
Weight : 1.41 grams (0.053 ounce)
High surge current capability
Version :
C09
UR2KB005-UR2KB100
1 of 1
Version : A09


Similar Part No. - UR2KB40

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
UR2KB40 ZSELEC-UR2KB40 Datasheet
116Kb / 2P
2.0A BRIDGE RECTIFIER
UR2KB40 ZSELEC-UR2KB40 Datasheet
104Kb / 2P
2.0A BRIDGE RECTIFIER
More results

Similar Description - UR2KB40

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBP200G JGD-KBP200G Datasheet
130Kb / 2P
SINGLE PHASE 2.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
GBL205 ETC-GBL205 Datasheet
43Kb / 2P
Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
2W005GM TSC-2W005GM Datasheet
68Kb / 2P
Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
KBP201G TSC-KBP201G Datasheet
54Kb / 2P
Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
DBL201G TSC-DBL201G Datasheet
109Kb / 2P
Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
GBL201 TSC-GBL201_1 Datasheet
239Kb / 2P
Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
GBJ-KBJ2005 YANGJIE-GBJ-KBJ2005 Datasheet
237Kb / 2P
SINGLE PHASE 2.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBP201G TSC-KBP201G_11 Datasheet
123Kb / 2P
Single Phase 2.0 AMPS Glass Passivated Bridge Rectifiers
UR2KB60 TSC-UR2KB60 Datasheet
578Kb / 2P
Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
KBP2005 KINGTRONICS-KBP2005_15 Datasheet
421Kb / 2P
Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com