Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIM-R1AA38 Datasheet(PDF) 1 Page - Unity Opto Technology

Part # MIM-R1AA38
Description  INFRARED RECEIVER MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIM-R1AA38 Datasheet(HTML) 1 Page - Unity Opto Technology

  MIM-R1AA38 Datasheet HTML 1Page - Unity Opto Technology MIM-R1AA38 Datasheet HTML 2Page - Unity Opto Technology MIM-R1AA38 Datasheet HTML 3Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INFRARED RECEIVER MODULE
MIM-R1AA38
Description
Package Dimensions
Features
l
Photo detector and preamplifier in one package
l
Internal filter for PCM frequency
l
High immunity against ambient light
l
Improved shielding against electric field disturbance
l
5-Volt supply voltage; low power consumption
l
TTL and CMOS compatibility
GND
Vcc
Vout
BLOCK DIAGRAM
Unity Opto Technology Co., Ltd.
The MIM-R1AA38 series are 37.9 KHZ miniaturized
infrared receivers for remote control and other
appplications requiring improved ambient light rejection.
The separate PIN diode and preamplifier IC are
assembled on a single leadframe.
The epoxy package contains a special IR filter.
This module has excellent performance even in disturbed
ambient light applications and provides protection
against uncontrolled output pulses.
Output
VS
GND
ABLC
TRAP
BPF
TRIMMING
fo setting
AMP
Notes :
1. Tolerance is ± 0.25 mm (.010") unless otherwise noted.
2. Lead spacing is measured where the leads emerge from the package.
Unit: mm
MIM-R1AA38
0.8max.
CENTER OF SENSOR
1
1.4±0.3
0.4±0.050
4±0.3
9.2±0.5
7.62
2.54
0.5±0.050
5.8±0.3
0.65
10±0.3
2
3
2
3
1
P1


Similar Part No. - MIM-R1AA38

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIM-R1AA38-1 UOT-MIM-R1AA38-1 Datasheet
67Kb / 3P
INFRARED RECEIVER MODULE
More results

Similar Description - MIM-R1AA38

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIM-0KM2AKF UOT-MIM-0KM2AKF Datasheet
61Kb / 5P
INFRARED RECEIVER MODULE
logo
List of Unclassifed Man...
PIC-1018SMB ETC-PIC-1018SMB Datasheet
204Kb / 3P
INFRARED RECEIVER MODULE
logo
BRIGHT LED ELECTRONICS ...
BRM-1040-NS BRIGHT-BRM-1040-NS Datasheet
221Kb / 5P
INFRARED RECEIVER MODULE
logo
Unity Opto Technology
MIM-5335S2F UOT-MIM-5335S2F Datasheet
233Kb / 6P
INFRARED RECEIVER MODULE
MIM-3337K1F UOT-MIM-3337K1F Datasheet
222Kb / 6P
INFRARED RECEIVER MODULE
MIM-3337H2F UOT-MIM-3337H2F Datasheet
226Kb / 6P
INFRARED RECEIVER MODULE
logo
Everlight Electronics C...
IRM-36XXM3 EVERLIGHT-IRM-36XXM3 Datasheet
332Kb / 7P
Infrared Receiver Module
2010-10-28
EAIRMAA3 EVERLIGHT-EAIRMAA3 Datasheet
379Kb / 8P
Infrared Receiver Module
EAIRMBA0 EVERLIGHT-EAIRMBA0 Datasheet
448Kb / 8P
Infrared Receiver Module
EAIRMBA8 EVERLIGHT-EAIRMBA8 Datasheet
350Kb / 8P
Infrared Receiver Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com