Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-100 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-100
Description  5x86-133 Panel PC with 10.4 TFT LCD Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-100 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-100 Datasheet HTML 1Page - Advantech Co., Ltd. PPC-100 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
2-14
Touch Panel Computers
2-15
www.advantech.com/products
Online Download
Dimensions
Unit: mm
10
Software
9
ICOM
8
eConnectivity
7
ADAM-3000
6
cPCI
5
DA&C
4
ATM
3
FPM
2
TPC
1
IPPC & AWS
11
UNO-2000/3000
12
VBOX13
ADAM-4000
14
ADAM-5000
15
ADAM-6000
16
ADAM-8000
PPC-100
Specifications
§
Construction
Plastic
§
Display
10.4" VGA/SVGA TFT LCD
§
CPU / Core Logic
5x86-133
§
Memory
One 72-pin SIMM socket, up to 32 MB
§
Storage
One EIDE interface for 2.5" HDD, 1.2/1.44/2.88 MB
external FDD interface, Built-in 512 KB Flash memory
(optional)
§
I/O
4 serial ports (one configurable to RS-232/422/485),
1 parallel port, 1 Ethernet port (10Base-T/NE2000
compatible), 2 PS/2 ports, 1 VGA port, 4 digital inputs,
4 digital outputs.
§
Watchdog timer
1.6 seconds interval
§
Cooling system
One 16 CFM fan on rear panel
§
Power Input
110~230 V
AC
§
Dimensions (W x H x D) 342 x 265 x 61.5 mm (13.5" x 10.4" x 2.4")
§
Weight
2.7 kg (5.9 lbs)
LCD Display
PPC-100T
§
LCD Type
10.4" color TFT
§
Resolution/Color
640 x 480 @ 256 K
§
Pixel Pitch (HxV)
0.33 x 0.33 mm
§
Viewing Angle
90°
§
Luminance
250 cd/m2
§
VR Control
N/A
§
Simultaneous Mode
Yes
§
Backlight MTBF
20,000 hrs
5x86-133 Panel PC with
10.4" TFT LCD Display
Introduction
The PPC-100 panel PC is a super slim PC for space critical applications. The PPC-100 provides all the functionality of a desktop PC with a high brightness 10.4", 640 x 480 or 800
x 600 color TFT LCD display. The PPC-100 can be installed with a panel mount, wallmount, swing arm or stand.
Power Supply
§
Output Rating
50 W (max.)
§
Input Voltage
90 ~ 240 VAC @ 50/60 Hz, autoranging
§
Output Voltage
+5 V @ 4.5 A, +12 V @ 2 A, -12 V @ 0.3 A
§
MTBF
50,000 hrs
§
Safety
UL/CSA/TÜV approved
Touchscreen (optional)
§
Type
Analog resistive, continuous resolution
§
Light Transmission
75 %
§
Controller
RS-232 interface
§
Software Driver
Supports both DOS and Windows
§
Lifetime
30 million touches
Environmental Specifications
§
Operating Temperature 32 ~ 113° F (0 ~ 45° C)
§
Relative Humidity
10 ~ 95% @ 40° C, non-condensing
§
Shock (Operating)
10 G peak acceleration (11 ms duration)
§
EMI
FCC Class B approved
§
CE approved
§
Front panel meets NEMA 4 / IP 65
Ordering Information
§
PPC-100T-BARE
Panel PC with 10.4" VGA TFT LCD display
§
PPC-100T-BARE-T
Panel PC with 10.4" VGA TFT LCD display and
resistive touchscreen
§ 10.4” VGA/SVGA TFT LCD with high luminance
§ Super slim and compact design with plastic housing
§ Supports 5x86 - 133 CPU
§ NEMA4/IP65 compliant front panel


Similar Part No. - PPC-100

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-103DC-BBA-TE ADVANTECH-PPC-103DC-BBA-TE Datasheet
360Kb / 2P
10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
PPC-103DC-BBARE ADVANTECH-PPC-103DC-BBARE Datasheet
360Kb / 2P
10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
PPC-103T ADVANTECH-PPC-103T Datasheet
360Kb / 2P
10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
PPC-103T-BBAR-TE ADVANTECH-PPC-103T-BBAR-TE Datasheet
360Kb / 2P
10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
PPC-103T-BBARE ADVANTECH-PPC-103T-BBARE Datasheet
360Kb / 2P
10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
More results

Similar Description - PPC-100

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LT104S1-101 SAMSUNG-LT104S1-101 Datasheet
1Mb / 19P
TFT LCD Panel Display
logo
AAEON Technology
APC-7100 AAEON-APC-7100 Datasheet
799Kb / 2P
CPU based Fanless Industrial Robust Panel PC with 10.4 TFT LCD
logo
Advantech Co., Ltd.
TPC-870H ADVANTECH-TPC-870H Datasheet
849Kb / 2P
10.4 SVGA TFT LCD Celeron짰 M Touch Panel Computer
logo
AAEON Technology
AMB-232A AAEON-AMB-232A Datasheet
229Kb / 2P
10.4??TFT SVGA LCD
logo
AZ Displays
G104S1-L01 AZDISPLAYS-G104S1-L01 Datasheet
616Kb / 28P
10.4??TFT-LCD module
logo
Hantronix,Inc
HDA1040X-A HANTRONIX-HDA1040X-A_15 Datasheet
1Mb / 17P
10.4 TFT XGA (1024X768) COLOR LCD DISPLAY MODULE
logo
Axiomtek Co., Ltd.
GOT5100T-845 AXIOMTEK-GOT5100T-845 Datasheet
486Kb / 2P
10.4" XGA/SVGA TFT LCD display with LED backlight
GOT5100T-832 AXIOMTEK-GOT5100T-832_17 Datasheet
493Kb / 2P
10.4 SVGA TFT LCD display with LED backlight
logo
P-tec Corporation
PT1076104A-MLMWF-EC03 P-TEC-PT1076104A-MLMWF-EC03 Datasheet
1Mb / 33P
10.4 TFT LCD, USB PCT
logo
AU Optronics Corp.,
G104SN03V1 AUO-G104SN03V1 Datasheet
411Kb / 25P
10.4 Inch Color TFT-LCD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com