Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-174T Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-174T
Description  17 Panel PC with Intel짰 Pentium짰 4 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-174T Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-174T Datasheet HTML 1Page - Advantech Co., Ltd. PPC-174T Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Panel PCs
All product specifications are subject to change without notice
Last updated : 24-Mar-2009
Dimensions
Unit: mm (inch)
Fully Integrated I/O
A. Line-in/Line-out/Mic-in
B. USB 2.0 x 4
C. 10/100 Ethernet (Gigabit optional)
D. S-Video
E. ATX power supply
F. VGA port
G. COM port x 3
H. PS/2 mouse & keyboard
I. Power switch
J. Parallel port
K. PCI slot x 2
A
B C D
E F
G
H
K
Removable 3.5" HDD bay
PPC-174T
Ordering Information
Part No.
Description
PPC-174T-BAREE
Panel PC with 17" TFT LCD display
(resolution: 1280 x 1024)
PPC-174T-BARE-TE
PPC-174T with resistive touchscreen
PPC-174T-BARE-CE
PPC-174T with capacitive touchscreen
PPC-174T-BARE-SE
PPC-174T with SAW touchscreen
PPC-174 Stand
Stand kit for PPC-174T
PPC-174 WL-MT
Wall mount kit for PPC-174T
PPC-174 RACK-MT
19" Rack Mounting kit for PPC-174 (9U)
1702002600
POWER Cable UL/CSA (USA) 180D 125V10A 1.83M
1702002605
POWER CABLE 90D 220V EUROPEAN 250V/6A 1.8M
989K017401E
2.5” SATA HDD DRAWER FOR PPC-174T
PPC-FP-A01E
USB Fingerprint Accessory Kit
* Intel Pentium 4 CPU, DDR SDRAM and 3.5" HDD are available as optional items.
* FDD, CD-ROM and PCMCIA are removable as OEM items
* Infrared touchscreen with sunlight readable panel may be ordered via OEM process,
and both items may be ordered separately
I
J
Feature Details
Protection
The PPC-174T is robust enough to withstand harsh environments on factory floors and
in an external environment. The die-cast housing also acts as a heat sink to prevent the
system from overheating.
Networking
Three serial ports and a 10/100 Mbps Ethernet port (Gigabit optional) give the PPC-
174T advanced networking capabilities and provide the best solution for versatile
applications.
Expansion
To extend its functionality, the PPC-174T is designed with two expansion slots for PCI
cards, one Mini PCI slot, four USB 2.0 (Universal Serial Bus) ports, and one S-Video port,
a 6-in-1 cardreader interface, and one PCMCIA card bus (Type II x 2). With these expansion
capabilities, the PPC-174T not only functions as an HMI, but also as a computing center
around which to build your application.
Removable 3.5" HDD Bay
A 3.5" HDD is more reliable and cost-effective than a 2.5" HDD. The PPC-174T’s 3.5"
removable HDD drive bay provides great performace, and can be easily maintained.
Touchscreen Options
Customers can choose from three optional types of standardized touchscreens: resistive,
capacitive and SAW (Surface Acoustic Wave). These options make the PPC-174T a more
user-friendly interface for different environments.
446
401.4
11.8
113



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com