Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-EXP-103 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-EXP-103
Description  10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-EXP-103 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-EXP-103 Datasheet HTML 1Page - Advantech Co., Ltd. PPC-EXP-103 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm (inches)
PPC-103T
Fully-Integrated I/O
A. Power switch
B. Parallel port
C. FDD port
D. PS/2 mouse & keyboard
E. Mic-in/Line-out
F. IDE port
G. AC inlet
H. COM ports
I. COM ports
J. VGA port
K. USB ports
L. Ethernet
A
B
C
D
E
F
G
H
I
J
K
L
Ordering Information
Part No.
Description
PPC-103T-BBARE
Bare BOM: PPC-103T-BBARE
Intel Pentium III, Intel Celeron Panel PC with 10.4" TFT
SVGA LCD display
PPC-103DC-BBARE
Bare BOM: PPC-103DC-BBARE
PPC-103T with 24VDC power supply (12 VDC is optional)
PPC-103T-BBAR-TE
Bare BOM: PPC-103T-BBAR-TE
PPC-103T with resistive touchscreen
PPC-103DC-BBA-TE
Bare BOM: PPC-103DC-BBA-TE
PPC-103T-RT with 24VDC power supply (12 VDC is
optional)
PPC-100 STAND
Stand kit for PPC-100/103 series
PPC-100 SWINARM
Swingarm kit for PPC-100/103 series
PPC-100 WALL-MT
Wall mount kit for PPC-100/103 series
PPC-EXP-103
PCI/ISA expansion kit for PPC-103
1702002600
POWER Cable UL/CSA(USA) 180D 125V10A 1.83M
* Infrared touchscreen with sunlight readable panel can be ordered via the OEM
process, and both items can be ordered separately
Applications
Point-of-information/Point-of-sales terminals
Interactive kiosks
Entertainment terminals
Banking/Office automation
Production process control
Factory automation systems
Environmental Specifications
Operating Temperature
0 ~ 45° C (32 ~ 113° F)
Relative Humidity
10 ~ 95% @ 40° C (non-condensing)
Shock (Operating)
10 G peak acceleration (11 ms. duration)
EMC
CE, FCC Class B, VCCI, CCC
Safety
UL, CE
Front Panel Protection
IP 65/NEMA 4 compliant
342.00 (13.5”)
310.00 (12.2”)
315.00 (12.4”)
Unit: mm (inch)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com