Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-175T Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-175T
Description  17 Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-175T Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-175T Datasheet HTML 1Page - Advantech Co., Ltd. PPC-175T Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Panel PCs
All product specifications are subject to change without notice
Last updated : 24-Mar-2009
Dimensions
Unit: mm (inch)
A. Line-in / Line-out / Mic-in
B. IEEE 1394 x 2
C. USB 2.0 x 4
D. VGA port
E. PS/2 mouse & keyboard
Feature Details
Protection
To meet the requirements of a public environment, the front panel PPC-175T complies
with the IP65/NEMA 4 protection standard. Furthermore, the watchdog timer and power
management features make the system secure and stable. The onboard hardware
monitoring feature provides an automatic protection function, which prevents the CPU
from becoming overheated.
Expansion
To extend functionality, the PPC-175T is designed with one expansion slot for PCI cards,
four USB 2.0 (Univeral Serial Bus) ports, and one PCMCIA card bus (Type II x 1). With
these expansion capabilities, the PPC-175T not only functions as an HMI, but also as a
computing center on which to build your applications.
Easy Maintenance
Maintaining and replacing the LCD and touchscreen are made easier through the PPC-175T
modular design. In order to replace a defective LCD or touchscreen, one merely needs to
remove the front cover and LCD bracket instead of disassembling the whole system.
Touchscreen Options
Customers can choose from five optional types of standardized touchscreens: resistive,
capacitive, infrared, SAW (Surface Acoustic Wave), and projected capacitive. Flexible
options for the PPC-175T offer a more user-friendly interface for diverse environments.
PPC-175T
Ordering Information
Part No.
Description
PPC-FP-A01E
USB Fingerprint Accessory Kit
PPC-ARM-A03
VESA Standard ARM for PPC series
PPC-155 STAND
Stand kit for PPC-154/155/174/175T Series
PPC-174 WL-MT
Wall mount kit for PPC-154/155/175T Series
PPC-175T-BARE-VE
PPC-175T Bare BOM with infrared touchscreen
PPC-175T-BARE-TE
PPC-175T Bare BOM with resistive touchscreen
PPC-175T-BARE-SE
PPC-175T Bare BOM with SAW touchscreen
PPC-175T-BARE-PE
PPC-175T Bare BOM with projected capacitive
touchscreen
PPC-175T-BAREE
Panel PC with 17" color TFT LCD display
(resolution 1280 x 1024)
PPC-175T-BARE-CE
PPC-175T Bare BOM with capacitive touchscreen
1702002605
POWER CABLE 90D 220V EUROPEAN 250V/6A
1.8M
1702002600
POWER Cable UL/CSA (USA) 180D 125V10A 1.83M
9898007100E
2.5" PATA to SATA HDD Converter Board
989KP15505E
Optical Disc Drive Bracket for PPC-155/175
(Bracket only, W/O ODD)
989KP15504E
Mini-PCI [Realtek] 802.1b/g Wireless Module for
PPC-155/175
989KP15503E
Mini-PCI [VIA] 802.1b/g Wireless Module for
PPC-155/175
989KP15502E
DVD-RW Module of PPC-155/175
989KP15501E
Combo Module of PPC-155/175
989KP15500E
CD-ROM Module of PPC-155/175
Fully Integrated I/O
A
B
C
D
E
F
G
H
I
J
F. PCI slot x 1
G. 10/100 Base-T Ethernet x 2
H. RS-232 x 2, RS-232/422/485 x 1
I. Power switch
J. AC Inlet
CUT-OUT Dim.
425.14
442
427
12
99.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com