Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-L106T-R70-XE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-L106T-R70-XE
Description  10.4 Fanless Panel PC with AMD Geode??LX 800 (500 MHz) Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-L106T-R70-XE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-L106T-R70-XE Datasheet HTML 1Page - Advantech Co., Ltd. PPC-L106T-R70-XE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.advantech.com/products
Online Download
Features
PPC-L106T
10.4" Fanless Panel PC with
AMD Geode™ LX 800 (500 MHz) Processor
10.4" TFT LCD
AMD Geode™ LX 800 (500 MHz) CPU on board
System memory up to 1 GB SDRAM (256 MB default built-in)
One CompactFlash Type I/II socket (True IDE Mode)
10/100 Mbps Ethernet or Dual LAN (Optional)
Fanless and ultra-low power consumption
Optional PCI/ISA expansion kit
Automatic data flow control over RS-485
Introduction
PPC-L106T fanless Panel PC supports the low power AMD Geode LX 800 (500 MHz) processor. It is a powerful and compact Panel PC, ideally suited for operator interface (HMI)
applications. Its 10.4" 800 x 600 display, 1 GB SDRAM capacity and auto-sensing 10/100 Mbps Ethernet controller make it the ideal choice for many applications. It is great, for
example, for thin clients, health care and other networked environments, and of course traditional process control in industrial automation.
Specifications
Processor System
CPU
Onboard AMD Geode LX 800 (500 MHz)
Memory
1 x 200-pin SODIMM socket that accepts a 256/512/1204 MB DDR 266/333
Standard is built-in 256 MB
Chipset
AMD Geode CX5536
BIOS
4 Mbit Flash BIOS
SSD
1 x Type II CompactFlash, build in 64MB in PPC-L106T-CE-RTE
HDD
1 x internal IDE interface, 2.5" drive
Watchdog Timer
255 timer levels; setup by software
Bus Expansion
1 x optional PCI/ISA expansion kit
1 x Mini PCI socket
Dimensions (W x H x D)
342 x 265 x 92.4 mm (13.5" x 10.4" x 3.64")
Weight
3.2 kg (7.1 lbs)
OS Support
Microsoft
Windows XPE, CE, XP
Complete I/O Ports
Serial Ports
3 x RS-232, 1 x RS-232/422/485 (COM 2)
Parallel Ports
1 x SPP/EPP/ECP port
Keyboard/Mouse Ports
PS/2 interface
VGA
Supports simultaneous CRT displays
Sound
Mic-in/Line-out
Ethernet
10/100 Mbps, Dual LAN (Optional)
USB Ports
2 external USB 2.0, 2 internal USB 2.0
LCD Display
LCD Type
10.4" color TFT LCD
Resolution/Colors
800 x 600 @ 262 K
Pixel Pitch (mm)
0.264 x 0.264
Luminance (cd/m2)
230
Viewing Angle
60° (left), 60° (right), 35° (up), 60° (down)
VR Adjustment
Yes
Simultaneous Mode
Yes
Backlight MTBF
20,000 hrs (min.)
Power Supply
Output Rating
65 W
Input Voltage
100 ~ 240 VAC @ 50/60 Hz, autoranging
Output Voltage
+5 V @ 3.5 A, +12 V @ 4 A
Touchscreen (optional)
Type
Analog resistive, continuous resolution
Light Transmission
80%
Controller
RS-232 interface (COM 4)
Optional USB interface
Software Driver
Supports Windows XP, CE
Durability (Touches)
35 million


Similar Part No. - PPC-L106T-R70-XE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-L126STAND ADVANTECH-PPC-L126STAND Datasheet
386Kb / 2P
12.1 Fanless Panel PC with Intel짰 Atom??N270 Processor
PPC-L126WL-MT ADVANTECH-PPC-L126WL-MT Datasheet
364Kb / 2P
12.1 Fanless Panel PC with Intel짰 Celeron짰 M Processor
PPC-L127T ADVANTECH-PPC-L127T Datasheet
364Kb / 2P
12.1 Fanless Panel PC with Intel짰 Celeron짰 M Processor
PPC-L128-EXPE ADVANTECH-PPC-L128-EXPE Datasheet
386Kb / 2P
12.1 Fanless Panel PC with Intel짰 Atom??N270 Processor
PPC-L128-EXPE ADVANTECH-PPC-L128-EXPE Datasheet
2Mb / 2P
12.1" Fanless Panel PC with Intel짰 Atom??N270 Processor
More results

Similar Description - PPC-L106T-R70-XE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-L61T ADVANTECH-PPC-L61T Datasheet
398Kb / 2P
6.5 Fanless Panel PC with AMD Geode??LX800 Processor
logo
AAEON Technology
PFM-540I-REVA AAEON-PFM-540I-REVA Datasheet
273Kb / 2P
PC/104 Module with AMD Geode Tm LX Processor
PFM-540I-REVB AAEON-PFM-540I-REVB Datasheet
281Kb / 2P
PC/104 Module with AMD Geode Tm LX Processor
EPIC-5537 AAEON-EPIC-5537 Datasheet
349Kb / 1P
Onboard AMD Geode??LX 800 Processor
EPIC-5537W1 AAEON-EPIC-5537W1 Datasheet
315Kb / 1P
Onboard AMD Geode??LX 800 Processor 500 MHz
logo
Axiomtek Co., Ltd.
EBOX646-FL AXIOMTEK-EBOX646-FL_17 Datasheet
214Kb / 1P
Fanless Embedded System with AMD Geode LX800 500 MHz Processor for GamingManagement System
EBOX745-FL500 AXIOMTEK-EBOX745-FL500_17 Datasheet
349Kb / 1P
Fanless Embedded System with AMD Geode LX800 500 MHz Processor
logo
AAEON Technology
PCM-5895REV.A AAEON-PCM-5895REV.A Datasheet
273Kb / 2P
Compact Board with AMD Geode LX Series Processor
PCM-5895REV.B AAEON-PCM-5895REV.B Datasheet
244Kb / 2P
Compact Board with AMD Geode LX Series Processor
PFM-540I-A11 AAEON-PFM-540I-A11 Datasheet
425Kb / 2P
PC/104 Module with AMD Geode™ LX Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com