Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-L156T Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-L156T
Description  15 Fanless Panel PC with Intel Celeron M짰 Pentium M짰 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-L156T Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-L156T Datasheet HTML 1Page - Advantech Co., Ltd. PPC-L156T Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Panel PCs
All product specifications are subject to change without notice
Last updated : 24-Mar-2009
Dimensions
Unit: mm (inch)
A. Line-in
B. Line-out
C. Mic-in
D. USB 2.0 x 2
E. VGA port
F. 10/100 Mbps Ethernet
Feature Details
Protection
To meet the requirements of a public environment, the front panel of PPC-L156T complies
with the IP65/NEMA4 protection standard. The watchdog timer and power management
features make the system secure and stable. The onboard hardware monitoring feature
provides automatic protection that prevents the CPU from overheating.
Networking
Three serial ports and a 10/100 Mbps Ethernet port (Gigabit optional) give the
PPC-L156T advanced networking capabilities, and provide a great solution for versatile
applications.
Expansion
To extend functionality, the PPC-L156T is designed with one expansion slot for 32-bit
PCI cards, one mini-PCI socket, four USB 2.0 (Univeral Serial Bus) ports, two RS-232
ports, one RS-232/422/485 port, one VGA port, and two PCMCIA CardBus ports. With
these expansion capabilities, the PPC-L156T not only functions as an HMI, but also as
a computing center to build your applications on.
Easy Maintenance
Maintaining and replacing the LCD and touchscreen are made easier through the
PPC-L156T's modular design. In order to replace a defective LCD or touchscreen, one
merely needs to remove the front cover and LCD bracket instead of disassembling the
whole system.
Touchscreen Options
Customers can choose from three optional types of standardized touchscreens: resistive,
capacitive and infrared. These options make the PPC-L156T a more user-friendly interface
for different environments.
PPC-L156T
Ordering Information
Part No.
Description
PPC-L156T-083-XE
Intel ULV Celeron M 1.0 GHz Processor-based Fanless Panel PC with
15"TFT LCD
PPC-L156T-R83-XE
Intel ULV Celeron M 1.0 GHz processor-based Fanless Panel Computer
with 15" TFT LCD, Resistive Touchscreen
PPC-L156T-R81-XE
Intel Pentium M 1.1 GHz processor-based Fanless Panel Computer with
TFT 15" LCD, Resistive Touchscreen
PPC-L156T-C83-XE
Intel ULV Celeron M 1.0 GHz processor-based Fanless Panel Computer
with TFT 15" LCD, Capacitive Touchscreen
PPC-L156T-C81-XE
Intel Pentium M 1.1 GHz processor-based Fanless Panel Computer with
TFT 15" LCD, Capacitive Touchscreen
PPC-L156T-V83-XE
Intel ULV Celeron M 1.0 GHz processor-based Fanless Panel
Computer with TFT 15" LCD, vandal proof infrared touchscreen (meets
60950/UL1950)
PPC-L156T-V81-XE
Intel Pentium M 1.1 GHz processor-based Fanless Panel Computer with
TFT 15" LCD, vandal proof infrared touchscreen (meets 60950/UL1950)
PPC-S15X Stand-BLK
Desktop Stand, Black, PPC-S15X
PPC-ARM-A03
VESA Standard ARM for PPC series
PPC-174 WL-MT
Wall mount kit for PPC-174T
PPC-EXP-L156
PCI expansion kit for PPC-L156T
989KL15600E
Wireless LAN module
989KL15611E
COMBO module for PPC-L156T
989KL15612E
CD-ROM module for PPC-L156T serial
989KL15613E
USB 2.0 x 2 module
176000797
Smart Li-ion 3S2P11.1V4400mAh-BQ2000/L126/L156
1700001542
POWER CABLE 3P/3P POWER SUPPLY 1.8M FPM-306
170203183C
Power CABLE 3P Europe (WS-010+083)183cm
Fully Integrated I/O
A
J
B C D
E
F
G
H I
K
G. COM port x 3
H. PS/2 mouse and keyboard port
I. DC inlet
J. Parallel port
K. Power switch
Panel Mount
414.6
10.0
66.2
394.7
395.5
CUTOUT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com