Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-L156T-R81-XE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-L156T-R81-XE
Description  15 Fanless Panel PC with Intel Celeron M짰 Pentium M짰 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-L156T-R81-XE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-L156T-R81-XE Datasheet HTML 1Page - Advantech Co., Ltd. PPC-L156T-R81-XE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.advantech.com/products
Online Download
Features
PPC-L156T
15" Fanless Panel PC with
Intel Celeron M® Pentium M® Processor
Introduction
The PPC-L156T is a 15" fanless panel computer which is the ideal solution for low noise operating environments and clean room applications. PPC-L156T has two power sources;
an optional battery pack and an AC power supply. The battery charges when the PPC-L156T is connected to the AC power adapter. The optional rechargeable battery pack has more
than 60 minutes battery life and can be used as a UPS during expected loss of power. The PPC-L156T meets the VESA standard for mounting holes so it can be used in many different
kinds of installations. The front bezel can be removed to make maintenance of the LCD and touchscreen easier and quicker.
Specifications
Processor System
CPU
Embedded Intel ULV Celeron 1.0 GHz, Embedded Intel Pentium M 1.1 GHz
Secondary Cache
PPC-L156T-R83-XE: None; PPC-L156T-R81-XE: 1 MB
Chipset
Intel 852GM/ICH4 (PPC-L156T-R83-XE), Intel 855GME/ICH4 (PPC-L156T-R81-XE)
Memory
2 x 200-pin SODIMM sockets, supporting DDR200/266 modules for up to 2 GB Standard is built-in 256 MB
BIOS
AWARD 4 Mbit Flash BIOS
SSD
Supports CompactFlash card Type I/II
HDD
1 x internal 2.5" IDE interface
I/O Ports
- 3 x serial: 2 x RS-232, 1 x RS-232/422/485 (COM2)
- 4 x USB 2.0 ports: 2 x external, 2 x internal
- 1 x PS/2 mouse and keyboard port
- 1 x VGA port, 1 x parallel port
- 2 x built-in speakers (1 W each)
- 2 x type II PCMCIA ports
- Line-in, Line-out & Mic-in port
Bus Expansion
1 x Mini PCI socket and 1 x 32-bit PCI expansion kit (optional)
Dimensions (W x H x D)
415 x 333 x 76.5 mm (16.3" x 13.1" x 3.0")
Weight
6 kg (13.2 lb)
COMBO Drive
Optional DVD/CD-RW 8D/24W/24E/24R or above
OS support
Microsoft Windows XPE, CE, XP pro, 2000
Ethernet
Chipset
Intel 82551QM, and 82541GI
Speed
10/100 Mbps; 10/100/1000 Mbps (optional)
Power Supply
DC to DC Converter
Input voltage: 18 ~ 25 VDC
AC to DC Converter
- Input Voltage: 100 ~ 240 VAC @ 50 ~ 60 Hz
- Output Voltage: 19 V @ 3.16 A
LCD Display
Display Type
15" Color TFT LCD
Max. Resolution
1024 x 768
Max. Colors
262 K
Dot Size (mm)
0.297 x 0.297
Luminance (cd/m2)
350 cd/m2
Viewing Angle
60° (left), 60° (right), 40° (up), 60° (down)
Operating Temperature
0 ~ 50° C (32 ~ 122° F)
Brightness Adjustment
Yes
Backlight Lifetime
50,000 hours
Touchscreen (Optional)
Types
Analog Resistive 5 wires
Capacitive
Infrared
Resolution
Continuous
1024 x 1024
4096 x 4096
Light Transmission
80%
90%
90%
Controller
RS-232 Interface (uses COM4)
Power Consumption
+5 V @ 200 mA
+5 V @ 100 mA
+5 V @ 100 mA
Software Driver
Supports both DOS and Windows
Durability (Touches)
35 million
225 million
100,000 hrs
Environmental Specifications
Operating Temperature
0 ~ 45° C (32 ~ 113° F) ; 0-40° C with Battery Pack
Relative Humidity
10 ~ 95% @ 40° C, non-condensing
Shock
10 G peak acceleration (11 ms duration)
Vibration
1 G
EMC
CE, FCC Class B, BSMI
Safety
CE-CB, UL, BSMI, CCC
Front Panel Protection
IP65/NEMA4 compliant
15" TFT XGA LCD
Embedded Intel® ULV Celeron® M 1.0 GHz/Pentium® M 1.1 GHz
Support for up to 2 GB Double Data Rate (DDR) memory
Two built-in 1 W speakers
Fanless and ultra-low power consumption
Automatic data flow control over RS-485
Removable front bezel
Optional Smart Battery Module with UPS functionality
Optional wireless antenna and one optional PCI expansion kit


Similar Part No. - PPC-L156T-R81-XE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-L157-EXPE ADVANTECH-PPC-L157-EXPE Datasheet
454Kb / 2P
15 Fanless Panel PC with Intel짰 Ato ??N270 Processor
PPC-L157-EXPE ADVANTECH-PPC-L157-EXPE Datasheet
590Kb / 2P
15" Fanless Panel PC with Intel짰 Atom??N270 Processor
PPC-L157-STANDE ADVANTECH-PPC-L157-STANDE Datasheet
454Kb / 2P
15 Fanless Panel PC with Intel짰 Ato ??N270 Processor
PPC-L157-STANDE ADVANTECH-PPC-L157-STANDE Datasheet
590Kb / 2P
15" Fanless Panel PC with Intel짰 Atom??N270 Processor
PPC-L157T ADVANTECH-PPC-L157T Datasheet
454Kb / 2P
15 Fanless Panel PC with Intel짰 Ato ??N270 Processor
More results

Similar Description - PPC-L156T-R81-XE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3150 ADVANTECH-PPC-3150_15 Datasheet
436Kb / 2P
15" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-4211W ADVANTECH-PPC-4211W_15 Datasheet
518Kb / 2P
21.5" Fanless Wide Screen Panel PC with Intel Core i5 Celeron Processor
PPC-3060S ADVANTECH-PPC-3060S Datasheet
413Kb / 2P
6.5/7 Fanless Panel PC with Intel® Celeron® N2807 Processor
1-Aug-2022
PPC-310-EHL ADVANTECH-PPC-310-EHL Datasheet
420Kb / 2P
10.4 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-3100S ADVANTECH-PPC-3100S Datasheet
444Kb / 2P
10.4 Fanless Panel PC with Intel® Celeron® N2930 Processor
1-Aug-2022
PPC-312-EHL ADVANTECH-PPC-312-EHL Datasheet
441Kb / 2P
12 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-3120S ADVANTECH-PPC-3120S Datasheet
385Kb / 2P
12.1 Fanless Panel PC with Intel® Celeron® N2930 Processor
28-Jul-2022
PPC-315-EHL ADVANTECH-PPC-315-EHL Datasheet
437Kb / 2P
15 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-321W-EHL ADVANTECH-PPC-321W-EHL Datasheet
434Kb / 2P
21.5 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-3210SW ADVANTECH-PPC-3210SW Datasheet
375Kb / 2P
21.5 Fanless Panel PC with Intel® Celeron® N2930 Processor
1-Aug-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com