Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-L126STAND Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-L126STAND
Description  12.1 Fanless Panel PC with Intel짰 Atom??N270 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-L126STAND Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-L126STAND Datasheet HTML 1Page - Advantech Co., Ltd. PPC-L126STAND Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
PPC-L128T
Ordering Information
Part NO
Description
PPC-L128T-080-XE
Intel Atom processor N270 1.6 GHz fanless panel PC with
12.1" TFT LCD
PPC-L128T-R80-XE
PPC-L128T-080-XE with resistive touchscreen
PPC-L128T-R80-WXE PPC-L128T-080-XE with resistive touchscreen (White)
PPC-L128T-RXPE0E
PPC-L128T w1G Memory/ Windows XPE XPE on 160G HDD
PPC-ARM-A03
VESA Stand ARM for PPC series
PPC-174T WL-MT
Wall mount kit for PPC-174T
PPC-L126 STAND
Stand desktop stand for PPC-L126T/PPC-L127T
PPC-L126Rack-MT
19" Rack mounting kit for PPC-L126/ PPC-L127 /L128
PPC-L128-EXPE
PCI/PCIe expansion kit for PPC-L128
PS-DC19-L157E
19V DC power adapter module for PPC-L128/PPC-L157
1760000837
Smart Li-ion 3S2P 11.1V 4400 mAh -LTC4006/L127
170001524
Power cord 3P UL 10A 125V 1.8M
989KL128T00E
Slim type DVD-RW Module for PPC-L128
989KL128T01E
Slim type Combo Module for PPC-L128
989KL128T02E
Wireless LAN Module for PPC-L128
Fully-Integrated I/O
A. Main power switch
B. USB 2.0 x 3
C. Ethernet jack
D. USB 2.0
E. PS/2 mouse and keyboard
F. PCI/PCIe expansion slot cover
G. GPIO port
H. DC inlet
I. Line-in jack
J. Line-out jack
K. Mic-in jack
L. Ethernet jack
M. VGA port
N. Serial ports
O. Battery door cover
309.5
180
316
M4 Tap. isonly for front mount.
cutout
308.01
340.5
10
60.5
M4 Tap.
A
B
C
D
E
F
G
H
I J K
L
M
N
O



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com