Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-S153STAND Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-S153STAND
Description  15 UltraSlim??Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-S153STAND Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-S153STAND Datasheet HTML 1Page - Advantech Co., Ltd. PPC-S153STAND Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Panel PCs
All product specifications are subject to change without notice
Last updated : 24-Mar-2009
Dimensions
Unit: mm (inch)
PPC-S155T
Feature Details
UltraSlim Profile
With dimensions of 375 x 299 x 60 mm, the PPC-S155T occupies much less space than
previous panel computers. Thanks to its VESA compliant slim design, the PPC-S155T also
provides for flexible installations, such as wall mounting, hanging, swingarm mounting,
or desktop stand mounting.
Networking and Expansion Capability
Two serial ports, four USB 2.0 ports, and a Gigabit Ethernet controller endow the
PPC-S155T with advanced networking capabilities and provide the best solution for
versatile applications. With a built-in Type lll Mini PCI socket, the PPC-S155T can offer
connections with Type lll Mini PCI 56 K modems, second Ethernet, or WLAN cards for
enhanced the networking capability. With a built-in internal CompactFlash Type ll socket
(IDE interface), the PPC-S155T can offer OS booting via CF type card.
Ordering Information
Part No.
Description
PPC-S155T-090-XE
PPC-S155T Bare BOM with Glass
PPC-S155T-R90-XE
PPC-S155T Bare BOM with Resistive touchscreen.
PPC-S155T-C90-XE
PPC-S155T Bare BOM with Capacitive touchscreen.
PPC-S153 STAND
Stand kit for PPC-S153T/S154T/S155T
PPC-S15X STAND-BLK
Black stand kit for PPC-S153T/S154T/S155T
PPC-S154 WL-MT
Wall mount kit for PPC-S154T/S155T
PPC-ARM-A03
VESA standard ARM for PPC series
1700001524
U.S type power cable 3P/3P power supply 1.8 M
989KS15500E
CD-ROM Module for PPC-S155T
989KS15501E
DVD-RW Module for PPC-S155T(Black)
989KS15502E
Combo Module for PPC-S155T(Black)
PPC-FP-A01E
USB Fingerprint Accessory Kit
Fully-Integrated I/O
A. DC inlet
B. COM 1
C. VGA
D. Mic-in jack
E. Line-in jack
F. PS/2
G. Ethernet jack
H. USB 2.0 x 4
I. Line-out jack
J. COM 3 can switch to 1 x parallel port
for OEM requirement
A
B
C
D
E
F
G
H
I
J
135.35
375
375
135.35
11.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com