Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-02 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-02
Description  5.7 Display Solution for Vehicle Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-02 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  RAM-MOUNT-02 Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-02 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Vehicle Mounted Computers
All product specifications are subject to change without notice
Last updated : 24-Mar-2009
Features
TREK-305R
5.7" Display Solution for Vehicle Applications
5.7" color TFT LCD panel & resistive type touchscreen
2W speaker
LCD power button
VESA mounting
Wide range temperature support
Design compatible with VITA series
Introduction
The Advantech TREK-305R touch panel is the perfect size for tight spaces, ideal for fleet management and dispatch applications. The 5.7" touchscreen panel provides excellent display
capabilities and features light-weight housing, industrial-standard VESA mounting holes, and convenient mounting accessories. The TREK-305R design is compatible with other
VITA series products.
Specifications
Display
Type
QVGA TFT LCD
Colors
18-bit (256 K)
Resolution
320 x 240
Size (Diagonal)
5.7" (4 : 3)
Pixel Pitch
0.36 (W) x 0.36 (H)
View Angle (H°, V°)
H: 140°
V: 120°
Brightness
320 cd/m2 by LED backlight
Touchscreen
4-wire resistive
Contrast Ratio
500
Backlight Life Time (Hrs)
20000
I/O
LVDS
1 x 26-pin connector
Audio
2 Watt speaker out
Power
DC Input
3.3 V and 5 V
LCD Power Button
Push button
Power Consumption
1.3 W (normal)
Mechanical
Mounting
VESA mount
Material
PC
Weight
400 (g)
Dimensions W x H x D (mm)
168.55 x 128.05 x 35.6 mm
Environment
Operating Temperature
-20 ~ 70° C
Storage Temperature
-30 ~ 80° C
Vibration
MIL-STD-810F 514.5C-3
Certifications
FCC
FCC 47 CFR part 15B
IC
ICES-003 issue 4
CE
EN55022/ 55024
E13
ECE-R10 (v.03)
BSMI
CNS 13438


Similar Part No. - RAM-MOUNT-02

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RAM-MOUNT-02 ADVANTECH-RAM-MOUNT-02 Datasheet
543Kb / 2P
7" Smart Vehicle Display
RAM-MOUNT-02 ADVANTECH-RAM-MOUNT-02 Datasheet
1Mb / 2P
RISC All-in-One Mobile Data Terminal
More results

Similar Description - RAM-MOUNT-02

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EL7300 ETRON-EL7300 Datasheet
889Kb / 5P
highly integrated single chip solution for the Flat Panel Display applications
logo
Advanced Analogic Techn...
AAT2554 ANALOGICTECH-AAT2554 Datasheet
1Mb / 33P
Total Power Solution for Portable Applications
logo
Advantech Co., Ltd.
ARK-1382 ADVANTECH-ARK-1382 Datasheet
466Kb / 2P
High Performance Solution with Multi-display Support for Signage Applications
TREK-303 ADVANTECH-TREK-303 Datasheet
543Kb / 2P
7" Smart Vehicle Display
logo
Grayhill, Inc
3J0005-200N GRAYHILL-3J0005-200N Datasheet
1Mb / 2P
Vehicle Display Controller
logo
Generalplus Technology ...
GPCV1248A GENERALPLUS-GPCV1248A Datasheet
678Kb / 20P
Vehicle Camera Recorder SOC Solution
GPCV2159A GENERALPLUS-GPCV2159A Datasheet
295Kb / 18P
Vehicle Camera Recorder SoC Solution
logo
Advantech Co., Ltd.
IDK-1105 ADVANTECH-IDK-1105 Datasheet
272Kb / 2P
5.7 VGA Industrial Display kit with Touch Solution
20-May-2016
logo
Ultralife Corporation.
CH0006 ULTRALIFE-CH0006 Datasheet
184Kb / 2P
Vehicle charging solution
02 MAY 17 Rev: F
CH0017 ULTRALIFE-CH0017 Datasheet
674Kb / 1P
Bulk charging solution for vehicle or depot settings
22 APR 13 Rev: C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com