Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-03 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-03
Description  5.7 Display Solution for Vehicle Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-03 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  RAM-MOUNT-03 Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-03 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
TREK-305R
Packing List
Description
Quantity
TREK-305R
1
2 meter cable connects VITA-350P and TREK-305R
1
Ordering Information
Part Number
Description
TREK-305R-FLA0E
5.7" color TFT LCD with touchscreen, 2 watt speaker,
and power button
VITA-350P-GA0E
MDT with GPS, GPRS, DI/O, RS-232, LVDS
(TREK-305R is design compatible with VITA-350P)
Accessories
Part Number
Description
RAM-MOUNT-01
VESA RAM mount w/clamp base,1.5" ball
RAM-MOUNT-02
VESA RAM mount w/2.5" DIA. base,1.5" ball
RAM-MOUNT-03
VESA RAM mount w/3.68" DIA., 2.25" ball
RAM-MOUNT-05E
VESA RAM mount w/clamp base, 2.25" ball
35.60
1.41
168.55
128.05
21.10
75.00
38.00
30.00 75.00
38.00
30.00 75.00
A. LED
B. Hotkey
A
B
A. Speaker
B. Display port: LVDS, Speaker, T/S, 1 x Hotkey
A
B
Fully Integrated I/O



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com