Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOF-R3C6 Datasheet(PDF) 1 Page - Unity Opto Technology

Part # MOF-R3C6
Description  Fiber Optic Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MOF-R3C6 Datasheet(HTML) 1 Page - Unity Opto Technology

  MOF-R3C6 Datasheet HTML 1Page - Unity Opto Technology MOF-R3C6 Datasheet HTML 2Page - Unity Opto Technology MOF-R3C6 Datasheet HTML 3Page - Unity Opto Technology MOF-R3C6 Datasheet HTML 4Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Fiber Optic Receiver
MOF-R3C6
Features
1.Uni-directional data transmission using plastic fiber
2.Signal transmission speed
:MAX. 13.2 Mbps (NRZ signal)
3.Operating voltage :4.75 to 5.25 V
4.TTL compatible
5.Suitable for MOF-T3C6 Transmitter
Absolute Maximum Ratings
Symbol
Rating
Unit
Supply voltage
Vcc
-0.5 to + 6
V
High Level Output Current
IOH
-1
mA
Low Level Output Current
IOL
5mA
Operating temperature
Topr
-20 to +70
oC
Storage temperature
Tstg
-30 to +80
oC
Soldering Temperature
TSOL
260*
oC
* For 5s (1 times or less)
REV: A1
03/22/2002
Parameter
Unity Opto Technology Co., Ltd.
@ TA=25
oC
NOTES:
Tolerance is ±0.3mm unless otherwise noted.
Recommended drilling as viewd from the soldering face
Outline Dimensions
1/4


Similar Part No. - MOF-R3C6

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-R3C2 UOT-MOF-R3C2 Datasheet
345Kb / 4P
Fiber Optic Receiver
MOF-R3C3 UOT-MOF-R3C3 Datasheet
349Kb / 4P
Fiber Optic Receiver
MOF-R3C4 UOT-MOF-R3C4 Datasheet
339Kb / 4P
Fiber Optic Receiver
MOF-R3C5 UOT-MOF-R3C5 Datasheet
42Kb / 4P
Fiber Optic Receiver
More results

Similar Description - MOF-R3C6

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-R3C2 UOT-MOF-R3C2 Datasheet
345Kb / 4P
Fiber Optic Receiver
MOF-R3C3 UOT-MOF-R3C3 Datasheet
349Kb / 4P
Fiber Optic Receiver
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
Fiber Optic Receiver
MOF-R3K3 UOT-MOF-R3K3 Datasheet
63Kb / 4P
Fiber Optic Receiver
logo
KODENSHI_AUK CORP.
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
Fiber Optic Receiver
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
Fiber Optic Receiver
logo
TT Electronics.
OPF2412 TTELEC-OPF2412 Datasheet
453Kb / 3P
Fiber Optic Receiver
OPF2416 TTELEC-OPF2416 Datasheet
719Kb / 5P
Fiber Optic Receiver
OPF2418 TTELEC-OPF2418 Datasheet
652Kb / 3P
Fiber Optic Receiver
logo
National Semiconductor ...
FOR361B-1 NSC-FOR361B-1 Datasheet
371Kb / 4P
Fiber-Optic Receiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com