Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOF-R3K5 Datasheet(PDF) 2 Page - Unity Opto Technology

Part # MOF-R3K5
Description  Fiber Optic Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MOF-R3K5 Datasheet(HTML) 2 Page - Unity Opto Technology

  MOF-R3K5 Datasheet HTML 1Page - Unity Opto Technology MOF-R3K5 Datasheet HTML 2Page - Unity Opto Technology MOF-R3K5 Datasheet HTML 3Page - Unity Opto Technology MOF-R3K5 Datasheet HTML 4Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fiber Optic Receiver
MOF-R3K5
Recommended Operating Conditions
Operating supply voltage
Operating transfer rate
receiver input optical power level
Recommended Connection Method
Electro-Optical Characteristics
MIN.
TYP.
MAX. Unit
---
20
40
mA
2.7
4.4
---
V
---
0.2
0.4
V
Rise time
---
20
40
ns
Fall time
---
20
40
ns
---
---
180
ns
---
---
180
ns
-30
---
+30
ns
REV: A1
09/11/2001
Unit
4.75
5.0
5.25
dBm
-14.5
---
-22
V
Mbps
Parameter
MIN.
TYP.
MAX.
Symbol
Vcc
T
0.1
---
Parameter
6
Dissipation current
Refer to Fig. 1
Icc
Pc
Conditions
Symbol
High level output voltage
Low level output voltage
tr
tf
VOH
VOL
Refer to Fig. 2
Refer to Fig. 2
Refer to Fig. 2
Pulse width distortion
tpLH
tpHL
tw
Low →High delay time
High →Low delay time
Refer to Fig. 2
Refer to Fig. 2
Refer to Fig. 2
Refer to Fig. 2
Unity Opto Technology Co., Ltd.
Fiber Optic
Receiving
Module
Fiber Optic Connector
insert
2
3
1
Vcc
GND
Vout
Less than 7mm
0.1
µF
(Bottom view)
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com