Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XG1001-SA Datasheet(PDF) 2 Page - Mimix Broadband

Part # XG1001-SA
Description  100.05-4.0 GHz Dual High Dynamic Range Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XG1001-SA Datasheet(HTML) 2 Page - Mimix Broadband

  XG1001-SA Datasheet HTML 1Page - Mimix Broadband XG1001-SA Datasheet HTML 2Page - Mimix Broadband XG1001-SA Datasheet HTML 3Page - Mimix Broadband XG1001-SA Datasheet HTML 4Page - Mimix Broadband XG1001-SA Datasheet HTML 5Page - Mimix Broadband XG1001-SA Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6
Application Circuit @ 1.9 GHz ~ 2.1 GHz:
Schematic
Typical Performance
Ref Designator
C2, C4, C6, C8
C1, C5
C3, C7
L1, L2
Value
100 pf
1.0 pf
1000 pf
47 nH
Size
0402
0603
0805
0805
Components
0.05-4.0 GHz
Dual High Dynamic Range Amplifier
XG1001-SA
XG1001-SA: 5V, 150mA, Single-ended
-30
-25
-20
-15
-10
-5
0
5
10
15
20
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
S11
S22
S21
S12
XG1001-SA: Gain
10
11
12
13
14
15
1.7
1.8
1.9
2
2.1
2.2
Frequency (GHz)
Parameter
Typ
Typ Typ
Units
Frequency Range
1.9
2.0
2.1
GHz
Gain
13
12.8
12.0
dB
Input Retrun Loss
-14
-14.5 -14.0
dB
Output Return Loss
-17
-15.4
-15
dB
Output IP3
40.5
40.1
40.0
dBm
Noise Figure
2.2
2.2
2.2
dB
Output P1dB
22.5
22.5
22.6
dBm
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2010 - Rev 12-Jan-10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com