Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1050-QJ Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1050-QJ
Description  7.0-9.0 GHz Linear Power Amplifier 6x6mm QFN
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1050-QJ Datasheet(HTML) 2 Page - Mimix Broadband

  XP1050-QJ Datasheet HTML 1Page - Mimix Broadband XP1050-QJ Datasheet HTML 2Page - Mimix Broadband XP1050-QJ Datasheet HTML 3Page - Mimix Broadband XP1050-QJ Datasheet HTML 4Page - Mimix Broadband XP1050-QJ Datasheet HTML 5Page - Mimix Broadband XP1050-QJ Datasheet HTML 6Page - Mimix Broadband XP1050-QJ Datasheet HTML 7Page - Mimix Broadband XP1050-QJ Datasheet HTML 8Page - Mimix Broadband XP1050-QJ Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Power Amplifier Measurements
Page 2 of 10
P1050-QJ
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
XP1050-QJ: S21
Vd=8V, Idtot=1400mA
-20
-15
-10
-5
0
5
10
15
20
3
4
5
6
7
8
9
101112
13
Frequency (GHz)
S21,Vd=8V,Id=1400mA,25C
XP1050-QJ: S11 & S22 (Wideband)
Vd=8V, Idtot=1400mA
-35
-30
-25
-20
-15
-10
-5
0
1
3
5
7
9
111315
171921
23
25
Frequency (GHz)
S11,Vd=8V,Id=1400mA,25C
S22,Vd=8V,Id=1400mA,25C
XP1050-QJ: S21 & S12 (Wideband)
Vd=8V, Idtot=1400mA
-70
-60
-50
-40
-30
-20
-10
0
10
20
1
3
5
7
9
111315
171921
23
25
Frequency (GHz)
S21,Vd=8V,Id=1400mA,25C
S12,Vd=8V,Id=1400mA,25C
XP1050-QJ: S11
Vd=8V, Idtot=1400mA
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
7
7.2
7.4
7.6
7.8
8
8.2
8.4
8.6
8.8
Frequency (GHz)
+25°C,Vd=8V, Id=1400mA
-40°C,Vd=8V, Id=1400mA
+85°C,Vd=8V, Id=1400mA
XP1050-QJ: S22
Vd=8V, Idtot=1400mA
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
7
7.2
7.4
7.6
7.8
8
8.2
8.4
8.6
8.8
Frequency (GHz)
+25°C,Vd=8V, Id=1400mA
-40°C,Vd=8V, Id=1400mA
+85°C,Vd=8V, Id=1400mA
XP1050-QJ: S21
Vd=8V, Idtot=1400mA
0
2
4
6
8
10
12
14
16
18
20
7
7.2
7.4
7.6
7.8
8
8.2
8.4
8.6
8.8
Frequency (GHz)
+25°C,Vd=8V, Id=1400mA
-40°C,Vd=8V, Id=1400mA
+85°C,Vd=8V, Id=1400mA
7.0-9.0 GHz Linear Power Amplifier
6x6mm QFN
August 2009 - Rev 31-Aug-09



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com