Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1073-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1073-BD
Description  34.0-37.0 GHz GaAs MMIC Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1073-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XP1073-BD Datasheet HTML 1Page - Mimix Broadband XP1073-BD Datasheet HTML 2Page - Mimix Broadband XP1073-BD Datasheet HTML 3Page - Mimix Broadband XP1073-BD Datasheet HTML 4Page - Mimix Broadband XP1073-BD Datasheet HTML 5Page - Mimix Broadband XP1073-BD Datasheet HTML 6Page - Mimix Broadband XP1073-BD Datasheet HTML 7Page - Mimix Broadband XP1073-BD Datasheet HTML 8Page - Mimix Broadband XP1073-BD Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Page 2 of 10
Pulsed Power Amplifier Measurements (On-Wafer1)
P1073-BD
34.0-37.0 GHz GaAs MMIC
Power Amplifier
Note [1] Measurements – On-Wafer S-Parameters have been taken using reduced bias conditions as shown. Measurements are referenced 150 um
in from RF In/Out pad edge. For optimum performance Mimix T-pad transition and tuned output matching network is recommended. For additional
information see the Mimix “T-Pad Transition” application note. Contact technical sales for output matching network information.
XP1073-BD, Vd=6.0 V, Vg=-0.7 V, Id1=271 mA
Id2=559 mA, Id3=925 mA, Id4=1741 mA
17
18
19
20
21
22
23
24
25
26
27
33.0
33.5
34.0 34.5
35.0
35.5
36.0 36.5
37.0
37.5
38.0 38.5
39.0
Frequency (GHz)
XP1073-BD, Vd=6.0 V, Vg=-0.7 V, Id1=271 mA
Id2=559 mA, Id3=925 mA, Id4=1741 mA
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
25.0
27.0
29.0
31.0
33.0
35.0
37.0
39.0
41.0
43.0
45.0
Frequency (GHz)
XP1073-BD, Vd=6.0 V, Vg=-0.7 V, Id1=271 mA
Id2=559 mA, Id3=925 mA, Id4=1741 mA
-35
-30
-25
-20
-15
-10
-5
0
33.0
33.5 34.0
34.5 35.0
35.5 36.0
36.5 37.0
37.5 38.0
38.5 39.0
Frequency (GHz)
XP1073-BD, Vd=6.0 V, Vg=-0.7 V, Id1=271 mA
Id2=559 mA, Id3=925 mA, Id4=1741 mA
-35
-30
-25
-20
-15
-10
-5
0
25.0
27.0
29.0
31.0
33.0
35.0
37.0
39.0
41.0
43.0
45.0
Frequency (GHz)
XP1073-BD, Vd=6.0 V, Vg=-0.7 V, Id1=271 mA
Id2=559 mA, Id3=925 mA, Id4=1741 mA
-20
-15
-10
-5
0
33.0
33.5 34.0
34.5 35.0
35.5 36.0
36.5
37.0 37.5
38.0 38.5
39.0
Frequency (GHz)
XP1073-BD, Vd=6.0 V, Vg=-0.7 V, Id1=271 mA
Id2=559 mA, Id3=925 mA, Id4=1741 mA
-20
-16
-12
-8
-4
0
25.0
27.0
29.0
31.0
33.0
35.0
37.0
39.0
41.0
43.0
45.0
Frequency (GHz)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2010 - Rev 16-Feb-10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com