Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-4702 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # USB-4702
Description  10 kS/s, 12-bit, 8-ch Multifunction USB Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

USB-4702 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  USB-4702 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Features
USB-4702
Introduction
USB-4702 is a low-cost USB data acquisition module. You no longer need to open the chassis to install DAQ modules. Just plug in the module, then get the data. It’s easy and efficient.
The USB-4702 is the perfect way to add measurement and control capability to any USB capable computer. It obtains all required power from the USB port, so no external power
connection is ever required. With the features of USB-4702, it is your most cost effective choice of lab or production line test & measurement tool.
10 kS/s, 12-bit, 8-ch Multifunction
USB Module
ƒ Supports USB 2.0
ƒ Bus-powered
ƒ 8 analog input channels
ƒ 12-bit resolution AI
ƒ Sampling rate up to 10 kS/s
ƒ 8-ch DI/8-ch DO, 2-ch AO and one 32-bit counter
Specifications
Analog Input
ƒ
Channels
8 single-ended/4 differential (software programmable)
ƒ
Resolution
12 bits
ƒ
Max. Sampling Rate
10 kS/s max.
ƒ
FIFO Size
512 samples
ƒ
Overvoltage Protection 30 Vp-p
ƒ
Input Impedance
127 k
Ω
ƒ
Sampling Modes
Software, onboard programmable pacer, and external
ƒ
Input Range
(V, software programmable)
Single ended: ± 10
Differential: ±1, ±1.25, ± 2, ± 2.5, ±4, ±5, ±10, ±20
Analog Output
ƒ
Channels
2
ƒ
Resolution
12 bits
ƒ
Output Rate
Static update
ƒ
Output Range
(V, software programmable) 0~5 V
ƒ
Slew Rate
0.7 V/μs
ƒ
Driving Capability
5 mA
ƒ
Output Impedance
51
Ω
ƒ
Operation Mode
Single output
ƒ
Accuracy
Relative: ±12 LSB
Differential non-linearity: ±5 LSB
Digital Input
ƒ
Channels
8
ƒ
Compatibility
3.3 V/5 V/TTL
ƒ
Input Voltage
Logic 0: 0.8 V max.
Logic 1: 2.0 V min.
Digital Output
ƒ
Channels
8
ƒ
Compatibility
3.3 V/TTL
ƒ
Output Voltage
Logic 0: 0.4 V max.@ 4 mA (sink)
Logic 1: 3.5 V min.@ 4 mA (source)
Counter
ƒ
Channels
1
ƒ
Resolution
32 bits
ƒ
Compatibility
3.3 V/TTL
ƒ
Max. Input Frequency 5 MHz
General
ƒ
Bus Type
USB 2.0
ƒ
I/O Connector
1 x DB37 female connector
ƒ
Dimensions (L x W)
70 x 70 mm (2.76" x 2.76")
ƒ
Power Consumption
Typical: +5 V @ 100 mA
Max.: +5 V @ 500 mA
ƒ
Operating Temperature 0 ~ 55° C (32 ~ 131° F)
ƒ
Storage Temperature
-20 ~ 70° C (-4 ~ 158° F)
ƒ
Storage Humidity
5 ~ 95% RH non-condensing (refer to IEC 68-2-3)
Ordering Information
ƒ
USB-4702
10 kS/s, 12-bit, 8-ch Multi. USB Module
ƒ
PCL-10137-1
DB37 Cable, 1m
ƒ
PCL-10137-2
DB37 Cable, 2m
ƒ
PCL-10137-3
DB37 Cable, 3m
ƒ
ADAM-3937
DB37 DIN-rail Wiring Board
RoHS
COMPLIANT
2002/95/EC
NEW


Similar Part No. - USB-4702

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USB-4702 ADVANTECH-USB-4702 Datasheet
378Kb / 1P
10 kS/s, 12-Bit, 8-Ch Multifunction DAQ USB Module
13-Sep-2017
USB-4702-AE ADVANTECH-USB-4702-AE Datasheet
196Kb / 1P
10 kS/s, 12-bit, 8-ch Multifunction DAQ USB Module
USB-4702 ADVANTECH-USB-4702_V01 Datasheet
378Kb / 1P
10 kS/s, 12-Bit, 8-Ch Multifunction DAQ USB Module
13-Sep-2017
More results

Similar Description - USB-4702

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCL-711B ADVANTECH-PCL-711B Datasheet
534Kb / 1P
40 kS/s, 12-bit, 8-ch ISA Multifunction Card
PCL-711S ADVANTECH-PCL-711S Datasheet
105Kb / 1P
40 kS/s, 12-bit, 8-ch SE Input ISA Multifunction Card
USB-4711A ADVANTECH-USB-4711A Datasheet
527Kb / 1P
150 kS/s, 12-bit, 16-ch Multifunction USB Module
PCL-711B_DS ADVANTECH-PCL-711B_DS Datasheet
164Kb / 1P
40 kS/s, 12-bit, 8-ch ISA Multifunction Card
PCM-3718HO ADVANTECH-PCM-3718HO_14 Datasheet
403Kb / 1P
100 kS/s, 12-bit, 16-ch Multifunction PC/104 Module
PCM-3810I ADVANTECH-PCM-3810I_14 Datasheet
449Kb / 1P
250 kS/s, 12-bit, 16-ch Multifunction PCI-104 Module
USB-4702-AE ADVANTECH-USB-4702-AE Datasheet
196Kb / 1P
10 kS/s, 12-bit, 8-ch Multifunction DAQ USB Module
USB-4711A ADVANTECH-USB-4711A_15 Datasheet
159Kb / 1P
150 kS/s, 12-bit, 16-ch Multifunction DAQ USB Module
USB-4716-AE ADVANTECH-USB-4716-AE Datasheet
161Kb / 1P
200 kS/s, 16-bit, 16-ch Multifunction DAQ USB Module
USB-4716 ADVANTECH-USB-4716 Datasheet
296Kb / 1P
200 kS/s, 16-Bit, 16-Ch Multifunction DAQ USB Module
16-Dec-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com