Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-4711A Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # USB-4711A
Description  150 kS/s, 12-bit, 16-ch Multifunction USB Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

USB-4711A Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  USB-4711A Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Features
USB-4711A
Introduction
The USB-4700 series consists of true Plug & Play data acquisition modules. You no longer need to open the chassis to install DAQ modules. Just plug in the module, then get the
data. It’s easy and efficient. Reliable and rugged enough for industrial applications, yet inexpensive enough for home projects, the USB-4700 series module is the perfect way to add
measurement and control capability to any USB capable computer. The USB-4700 series is fully Plug & Play and with onboard terminal block for easy usage. It obtains all required
power from the USB port, so no external power connection is ever required. USB-4711A is a multifunction module, with 16-ch Analog Input, 2-ch Analog Output, 16-ch Digital
I/O and counter channel which is able to output a constant frequency square wave. With the features of USB-4700 series; USB-4711A is your most cost effective choice of lab or
production line test & measurement tool.
150 kS/s, 12-bit, 16-ch Multifunction
USB Module
Supports USB 2.0
Portable
Bus-powered
16 analog input channels
12-bit resolution AI
Sampling rate up to 150 kS/s
8-ch DI/8-ch DO, 2-ch AO and one 32-bit counter
Detachable screw terminal on modules
Suitable for DIN-rail mounting
One lockable USB cable for secure connection included
Specifications
Analog Input
Channels
16 single-ended/8 differential
(software programmable)
Resolution
12 bits
Max. Sampling Rate* 150 kS/s max.
FIFO Size
1,024 samples
Overvoltage Protection 30 Vp-p
Input Impedance
1 G
Ω
Sampling Modes
Software, onboard programmable pacer, and external
Input Range
(V, software programmable)
Bipolar
± 10
± 5
± 2.5
± 1.25
± 0.625
Accuracy (% of FSR ±1LSB)
0.1
0.1
0.2
0.2
0.4
*Note: The sampling rate and throughput depends on the computer hardware architecture
and software environment. The rates may vary due to programming language, code
efficiency, CPU utilization and so on.
Analog Output
Channels
2
Resolution
12 bits
Output Rate
Static update
Output Range
(V, software programmable)
Internal Reference
Unipolar
0 ~ 5, 0 ~ 10
Bipolar
±5, ±10
Slew Rate
0.15 V/μs
Driving Capability
2 mA @ 10 V
Output Impedance
0.5
Ω
Operation Mode
Single output
Accuracy
Relative: ±1 LSB
Differential non-linearity: ±1 LSB
Digital Inputs
Channels
8
Compatibility
3.3 V/5 V/TTL
Input Voltage
Logic 0: 0.8 V max.
Logic 1: 2.0 V min.
Digital Outputs
Channels
8
Compatibility
3.3 V/TTL
Output Voltage
Logic 0: 0.8 V max.@ 4 mA (sink)
Logic 1: 2.0 V min.@ 4 mA (source)
Event Counter
Channels
1
Compatibility
3.3 V/TTL
Max. Input Frequency 1 kHz
General
Bus Type
USB 2.0
I/O Connector
Onboard screw terminal
Dimensions (L x W x H) 132 x 80 x 32 mm
Power Consumption
Typical: +5 V @ 340 mA
Max.: +5 V @ 440 mA
Operating Temperature 0 ~ 60° C (32 ~ 140° F) (refer to IEC 68-2-1, 2)
Storage Temperature
-20 ~ 70° C (-4 ~ 158° F)
Storage Humidity
5 ~ 95% RH non-condensing (refer to IEC 68-2-3)
Ordering Information
USB-4711A
150 kS/s, 12-bit, 16-ch Multi. USB Module
1960004544
Wallmount Bracket
1960005788
VESA Mount Bracket
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - USB-4711A

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USB-4711A-AE ADVANTECH-USB-4711A-AE Datasheet
159Kb / 1P
150 kS/s, 12-bit, 16-ch Multifunction DAQ USB Module
USB-4711A ADVANTECH-USB-4711A_15 Datasheet
159Kb / 1P
150 kS/s, 12-bit, 16-ch Multifunction DAQ USB Module
More results

Similar Description - USB-4711A

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1710-L ADVANTECH-PCI-1710-L Datasheet
648Kb / 2P
100 kS/s, 12-bit, 16-ch PCI Multifunction Card
PCI-1710 ADVANTECH-PCI-1710 Datasheet
648Kb / 2P
100 kS/s, 12-bit, 16-ch PCI Multifunction Card
PCL-812PG ADVANTECH-PCL-812PG Datasheet
543Kb / 1P
30 kS/s, 12-bit, 16-ch ISA Multifunction Card
USB-4702 ADVANTECH-USB-4702 Datasheet
272Kb / 1P
10 kS/s, 12-bit, 8-ch Multifunction USB Module
PCM-3718HO ADVANTECH-PCM-3718HO_14 Datasheet
403Kb / 1P
100 kS/s, 12-bit, 16-ch Multifunction PC/104 Module
PCM-3810I ADVANTECH-PCM-3810I_14 Datasheet
449Kb / 1P
250 kS/s, 12-bit, 16-ch Multifunction PCI-104 Module
USB-4702-AE ADVANTECH-USB-4702-AE Datasheet
196Kb / 1P
10 kS/s, 12-bit, 8-ch Multifunction DAQ USB Module
USB-4711A ADVANTECH-USB-4711A_15 Datasheet
159Kb / 1P
150 kS/s, 12-bit, 16-ch Multifunction DAQ USB Module
USB-4716-AE ADVANTECH-USB-4716-AE Datasheet
161Kb / 1P
200 kS/s, 16-bit, 16-ch Multifunction DAQ USB Module
USB-4716 ADVANTECH-USB-4716 Datasheet
296Kb / 1P
200 kS/s, 16-Bit, 16-Ch Multifunction DAQ USB Module
16-Dec-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com