Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBCRJS42 Datasheet(PDF) 1 Page - Dubilier

Part # DBCRJS42
Description  MODULAR SOCKETS - LOW PROFILE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCRJS42 Datasheet(HTML) 1 Page - Dubilier

  DBCRJS42 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
353
ORDERING INFORMATION
NETWORKING SOCKETS
MODULAR SOCKETS - LOW PROFILE
SPECIFICATION
OUTLINE DRAWING
Material
Housing:
PBT Polyester, UL94V-O; UL94V-2
Standard colour grey
Contacts:
.0177(.45mm) diameter
Pros - bronze plated with hard gold
Cavity confirms to FCC Rules and
Regulations Part 68, subpart F
DBC
RJ45
S
88
A
Dubilier
Connectors
Series
RJ
RJ
RJ11
RJ12
RJ45
ContactType
S=Socket
NºofWaysxNºof
LoadedContacts
4x2
4x4
6x4
6x6
8x8
Style
A=Lowprofile
Skt
Low profile
Industry standard footprint
4, 6 and 8 way side entry
UL approved
2.54
15.00
.590
100
ø0.79
ø0.031
ø2.30
ø0.91
2.30
.091
1.02
0.40
7.14
.281
PC Board Layout 8x8
2.54
10.00
.394
100
ø0.79
ø0.031
ø2.30
ø0.91
2.30
.091
1.02
0.40
3.06
.120
PC Board Layout 4x2, 4x4
2.54
12.00
.472
100
ø0.79
ø0.031
ø2.30
ø0.91
2.30
.091
1.02
0.40
PC Board Layout 6x4,6x6
C
D
A
B
2.54
15.00
.590
100
ø0.79
ø0.031
ø2.30
ø0.91
2.30
.091
1.02
0.40
7.14
.281
PC Board Layout 8x8
2.54
10.00
.394
100
ø0.79
ø0.031
ø2.30
ø0.91
2.30
.091
1.02
0.40
3.06
.120
PC Board Layout 4x2, 4x4
2.54
12.00
.472
100
ø0.79
ø0.031
ø2.30
ø0.91
2.30
.091
1.02
0.40
PC Board Layout 6x4,6x6
C
D
A
B
Circuits Loaded Contacts Dimensions
a
B
C
D
4
2
10.00(.394) 10.00(.394) 1.02(.040) 3.06(.120)
4
4
10.00(.394) 10.00(.394) 1.02(.040) 3.06(.120)
6
4
12.20(.480) 12.00(.472) 1.02(.040) 5.10(.201)
6
6
12.20(.480) 12.00(.472) 1.02(.040) 5.10(.201)
8
8
15.00(.590) 15.00(.590) 1.02(.040) 7.14(.281)
PCBoardLayout8x8
PCBoardLayout6x4,6x6
PCBoardLayout4x2,4x4
RJ45
RJ
RJII+12


Similar Part No. - DBCRJS42

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJS42A DUBILIER-DBCRJS42A Datasheet
439Kb / 5P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS42B DUBILIER-DBCRJS42B Datasheet
110Kb / 1P
NETWORKING SOCKETS MODULAR SOCKET - MINI LOW PROFILE
DBCRJS42B DUBILIER-DBCRJS42B Datasheet
439Kb / 5P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
More results

Similar Description - DBCRJS42

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJ45S88B DUBILIER-DBCRJ45S88B Datasheet
110Kb / 1P
NETWORKING SOCKETS MODULAR SOCKET - MINI LOW PROFILE
DBCRJS64G DUBILIER-DBCRJS64G Datasheet
77Kb / 1P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY - SMT
logo
Assmann Electronics Inc...
A-2004-0-4-LP-N-R ASSMANN-A-2004-0-4-LP-N-R Datasheet
270Kb / 1P
MODULAR JACK, LOW PROFILE
A-2004-1-4-LP-N-R ASSMANN-A-2004-1-4-LP-N-R Datasheet
271Kb / 1P
MODULAR JACK, LOW PROFILE, 6P6C
logo
Molex Electronics Ltd.
78588-0002 MOLEX2-78588-0002 Datasheet
215Kb / 3P
Ultra-Low-Profile DDR3 DIMM Sockets
logo
Samtec, Inc
SC-2P8-GG SAMTEC-SC-2P8-GG Datasheet
815Kb / 2P
STANDARD, LOW PROFILE & SMT SOCKETS
ICO-314-NGT SAMTEC-ICO-314-NGT Datasheet
537Kb / 1P
LOW PROFILE OPEN BODY DIP SOCKETS
logo
Assmann Electronics Inc...
A-2004-3-4-LP-N-R ASSMANN-A-2004-3-4-LP-N-R Datasheet
187Kb / 1P
MODULAR JACK, LOW PROFILE
logo
TE Connectivity Ltd
LCT TEC-LCT Datasheet
273Kb / 6P
Low Profile Filtered Modular Jacks
RJ11-6Z TEC-RJ11-6Z Datasheet
262Kb / 6P
Low Profile Unfiltered Modular Jacks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com