Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBCRJS66F Datasheet(PDF) 1 Page - Dubilier

Part # DBCRJS66F
Description  NETWORKING SOCKETS TOP ENTRY PCB JACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCRJS66F Datasheet(HTML) 1 Page - Dubilier

  DBCRJS66F Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
356
NETWORKING SOCKETS
TOP ENTRY PCB JACK
ORDERING INFORMATION
4 - 8 ways available
Selective loading of contacts
Board solderable
Competitively priced.
SPECIFICATION
OUTLINE DRAWING
Current Rating
3A
Contact Resistance
30mΩmaxatDC100mA
Dielectric withstanding Voltage AC500Vfor1minute
Insulation Resistance
1000mΩminatDC500V
Plating
SelectivegoldplatingoverNickelTinplateonsolderfoils
Housing
UL94V0Standard
Colour
Black
Contact
0.35mmPhosphorbronze
Operating Temperature
-55˚Cto+105˚C
DBC
RJ
S
86
Dubilier
Connectors
Series
ContactType
S=Socket
Style
F=TopEntry
PCBJack
F
No.ofWaysx
No.ofloaded
contacts
4x4
6x4
6x6
8x6
8x8
15.88
2.54
8.89
A
B
C
PCBLayout/TopView
D
1.27
6-ø0.90
2-ø3.25
C
No of Positions
Dimensions
A
B
C
D
4
13.97
11.43
7.62
3.81
6
15.75
13.46
10.16
6.35
8
17.65
15.36
11.43
8.89


Similar Part No. - DBCRJS66F

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJS66F DUBILIER-DBCRJS66F Datasheet
705Kb / 2P
NETWORKING SOCKETS TOP ENTRY PCB JACK
More results

Similar Description - DBCRJS66F

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJ20ES10011 DUBILIER-DBCRJ20ES10011 Datasheet
711Kb / 1P
NETWORKING SOCKETS TOP ENTRY PCB JACK
DBCRJS44D DUBILIER-DBCRJS44D Datasheet
71Kb / 1P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS64H DUBILIER-DBCRJS64H Datasheet
74Kb / 1P
NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK - SHIELDED
DBCRJS66C DUBILIER-DBCRJS66C Datasheet
82Kb / 1P
NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS88E DUBILIER-DBCRJS88E Datasheet
72Kb / 1P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK (A)
DBCRJS66C DUBILIER-DBCRJS66C_11 Datasheet
151Kb / 1P
NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS44D DUBILIER-DBCRJS44D_11 Datasheet
439Kb / 5P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS64H DUBILIER-DBCRJS64H_11 Datasheet
128Kb / 1P
NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK - SHIELDED
DBCRJS86F DUBILIER-DBCRJS86F_11 Datasheet
705Kb / 2P
NETWORKING SOCKETS TOP ENTRY PCB JACK
logo
Pulse A Technitrol Comp...
E5288-3A0C02-L PULSE-E5288-3A0C02-L Datasheet
97Kb / 1P
RJ45 TOP ENTRY PCB JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com