Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBCRJS4412 Datasheet(PDF) 1 Page - Dubilier

Part # DBCRJS4412
Description  NETWORKING SOCKETS LED Light Jacks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCRJS4412 Datasheet(HTML) 1 Page - Dubilier

  DBCRJS4412 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
358
NETWORKING SOCKETS
LED LIGHT JACKS
ORDERING INFORMATION
LEDs within socket
Shielded and Unshielded RJ45 available
Bi Colours available
Wide range of colours
SPECIFICATION
OUTLINE DRAWING
Current Rating
3A
Contact Resistance
30mΩmaxatDC100mA
Dielectric withstanding Voltage AC500Vfor1minute
Insulation Resistance
1000mΩminatDC500V
Plating
GoldplatingoverNickelTinplateovernickelinsolderarea
Housing
Thermoplastic(UL94V-0)
Contact
0.35mmPhosphorBronze
Operating Temperature
-55˚Cto+105˚C
DBC
RJ
S
2
Dubilier
Connectors
Series
ContactType
S=Socket
LEDColour
Seetableabove
4
ContactPlating
1=6µ"
2=50µ"
1
Shielding
1=Unshielded
2=Shielded
2
No.ofPorts
1=1port
2=2ports
4=4ports
8=8ports
A±0.25
LED1
LED2
B
C±0.15
0.51
2.29
5.46
D
12
11
10
9
LEDSCHEMATIC
12
11
TYPICALFORSINGLE
COLORLED
(RED,GREEN,YELLOW)
TYPICALFOR
BI-COLOURLED
48-Ø0.89
4-Ø1.57
3-Ø3.25
2.78
1.02
2.04
1.78
15.75
B
C
E
1
1
1
1
9
10
13.72
2.29
0.51
8
8
8
8
CODE
LED2 (Left)
LED1 (Right)
0
NOLED
NOLED
1
YELLOW
GREEN
2
NOLED
GREEN
3
GREEN
YELLOW
4
GREEN
GREEN
5
YELLOW
YELLOW
6
YELLOW/GREEN
YELLOW/GREEN
7
GREEN/RED
GREEN/RED
8
YELLOW/GREEN
YELLOW
No of
Positions
Dimensions
A
B
C
D
1
15.91
12.70
2.25
2
31.66
15.75
28.45
2.37
4
63.16
47.25
59.94
2.37
6
94.66
78.75
91.45
2.37
8
126.16 110.25
122.94
2.37


Similar Part No. - DBCRJS4412

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJS4412 DUBILIER-DBCRJS4412 Datasheet
160Kb / 1P
NETWORKING SOCKETS LED LIGHT JACKS
More results

Similar Description - DBCRJS4412

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJ20ES10011 DUBILIER-DBCRJ20ES10011 Datasheet
711Kb / 1P
NETWORKING SOCKETS TOP ENTRY PCB JACK
DBCRJ45S88B DUBILIER-DBCRJ45S88B Datasheet
110Kb / 1P
NETWORKING SOCKETS MODULAR SOCKET - MINI LOW PROFILE
DBCRJS44D DUBILIER-DBCRJS44D Datasheet
71Kb / 1P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS64G DUBILIER-DBCRJS64G Datasheet
77Kb / 1P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY - SMT
DBCRJS66C DUBILIER-DBCRJS66C Datasheet
82Kb / 1P
NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS86F DUBILIER-DBCRJS86F Datasheet
71Kb / 1P
NETWORKING SOCKETS TOP ENTRY PCB JACK
DBCRJS88E DUBILIER-DBCRJS88E Datasheet
72Kb / 1P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK (A)
DBCRJS1411 DUBILIER-DBCRJS1411_11 Datasheet
160Kb / 1P
NETWORKING SOCKETS LED LIGHT JACKS
DBCRJS44D DUBILIER-DBCRJS44D_11 Datasheet
439Kb / 5P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS86F DUBILIER-DBCRJS86F_11 Datasheet
705Kb / 2P
NETWORKING SOCKETS TOP ENTRY PCB JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com