Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBCSCFSR80SP Datasheet(PDF) 1 Page - Dubilier

Part # DBCSCFSR80SP
Description  D TYPE SCSI II PCB SOLDER PIN RIGHT ANGLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCSCFSR80SP Datasheet(HTML) 1 Page - Dubilier

  DBCSCFSR80SP Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
263
OUTLINE DRAWING
D TYPE SCSI II
PCB SOLDER PIN RIGHT ANGLE
SPECIFICATION
ORDERING INFORMATION
DBC
SC
F
SR
26
Dubilier
Connectors
Series
SC=SCSI-II
Dsub
ContactType
F=Female
ContactStyle
SR=SolderRight
Angle
NoofWays
20=20ways
26=26ways
28=28ways
40=40ways
50=50ways
68=68ways
80=80ways
100=100ways
ContactPlating
S=SelectivePlating
ShellOption
Blank=Metal
Shell
P=Plastic
S
20, 26, 28, 40, 50, 68, 80, or 100 ways available
Low Cost
Selective Gold Plated Contacts
1.27 Pitch
Material
Insulator:
PBT&GlassfillreinforcedUL94V-0
Pin Contacts:
PhosphorBronze
GoldPlatedovernickel
Shell:
ZincAlloy
Nickelovercopperplated
Electrical Data
Rated Current:
1Amp
Insulation Resistance:
3000mΩminat500vDC
Contact Resistance:
30mΩMax
Dielectric withstanding Voltage:
500vac/1min
Operating Temperature:
-55˚C-+105˚C
POSITIONABCD
20F
15.25 27.4533.60 21.05
26F
19.06 31.26 37.41 24.86
28F
20.33 32.5338.68 26.13
40F
27.95 40.15 46.30 33.75
50F
34.30 46.5052.65 40.10
68F
45.73 57.9364.80 51.53
80F
53.35 65.55 71.70 59.15
100F
66.05 78.2584.40 71.85


Similar Part No. - DBCSCFSR80SP

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCSCFSS50S DUBILIER-DBCSCFSS50S Datasheet
114Kb / 1P
D TYPE SCSI II PCB STRAIGHT
DBCSCFSS50SP DUBILIER-DBCSCFSS50SP Datasheet
114Kb / 1P
D TYPE SCSI II PCB STRAIGHT
DBCSCFSS68S DUBILIER-DBCSCFSS68S Datasheet
114Kb / 1P
D TYPE SCSI II PCB STRAIGHT
DBCSCFSS68SP DUBILIER-DBCSCFSS68SP Datasheet
114Kb / 1P
D TYPE SCSI II PCB STRAIGHT
More results

Similar Description - DBCSCFSR80SP

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
E19 DBLECTRO-E19 Datasheet
391Kb / 2P
SCSI-II D-SUB PCB RIGHT ANGLE
logo
Adam Technologies, Inc.
S2ASR682BL2 ADAM-TECH-S2ASR682BL2 Datasheet
129Kb / 1P
.050 [1.27] SCSI II/III RIGHT ANGLE AND VERTICAL PCB MOUNT
logo
Dubilier
DBCFDMSR09E3 DUBILIER-DBCFDMSR09E3 Datasheet
126Kb / 1P
FILTERED D CONNECTORS SOLDER PIN RIGHT ANGLE
DBCSCFSS50S DUBILIER-DBCSCFSS50S Datasheet
114Kb / 1P
D TYPE SCSI II PCB STRAIGHT
DBCSDMSR109GXX DUBILIER-DBCSDMSR109GXX Datasheet
116Kb / 1P
D TYPE CONNECTORS LOW COST PCB SOLDER PIN RIGHT ANGLE - US SHORT FOOTPRINT
DBCSDMSR209GXX DUBILIER-DBCSDMSR209GXX Datasheet
125Kb / 1P
D TYPE CONNECTORS LOW COST PCB SOLDER PIN RIGHT ANGLE - EUROPEAN FOOTPRINT
DBCSDMSS09S DUBILIER-DBCSDMSS09S Datasheet
165Kb / 1P
D TYPE CONNECTORS LOW COST D CONNECTORS - PCB SOLDER PIN STRAIGHT
DBCTDM1SR093A DUBILIER-DBCTDM1SR093A Datasheet
116Kb / 1P
D TYPE CONNECTORS - TURNED PIN PCB - RIGHT ANGLE PIN
logo
Rosenberger Hochfrequen...
56K201-400A5 ROSENBERGER-56K201-400A5 Datasheet
82Kb / 2P
TNC 50 RIGHT ANGLE JACK PCB SOLDER PIN
logo
WECO ELECTRICAL CONNECT...
970-LH WECO-970-LH Datasheet
117Kb / 1P
PCB connector Screw connection, right angle solder pin, pottable
11.11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com